Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD21844M Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD21844M
Description  HALF-BRIDGE GATE DRIVER IN SO-14
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD21844M Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD21844M Datasheet HTML 1Page - Diodes Incorporated DGD21844M Datasheet HTML 2Page - Diodes Incorporated DGD21844M Datasheet HTML 3Page - Diodes Incorporated DGD21844M Datasheet HTML 4Page - Diodes Incorporated DGD21844M Datasheet HTML 5Page - Diodes Incorporated DGD21844M Datasheet HTML 6Page - Diodes Incorporated DGD21844M Datasheet HTML 7Page - Diodes Incorporated DGD21844M Datasheet HTML 8Page - Diodes Incorporated DGD21844M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DGD21844M
Document number: DS41250 Rev. 3 - 2
1 of 12
www.diodes.com
February 2022
© Diodes Incorporated
DGD21844M
HALF-BRIDGE GATE DRIVER IN SO-14
Description
The DGD21844M is a high voltage and high speed gate driver capable
of
driving
N-Channel
MOSFETs
and
IGBTs
in
a
half-bridge
configuration.
High
voltage
processing
techniques
enable
the
DGD21844M
’s high-side to switch to 600V in a bootstrap operation.
The DGD21844M logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) for easy interfacing with controlling
devices. The driver outputs feature high-pulse current buffers designed
for minimum driver cross conduction. Programmable deadtime by an
external resistor provides more system level flexibility.
The DGD21844M is offered in the SO-14 package
and the device’s
operating temperature extends from -40°C to +125°C.
Applications
DC-DC converters
DC-AC inverters
AC-DC power supplies
Motor controls
Class-D power amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 600V
Drives Two N-Channel MOSFETs or IGBTs in Half Bridge
Configuration
1.9A Source / 2.3A Sink Output Current Capability
Outputs Tolerant to Negative Transients
Programmable Deadtime to Protect MOSFETs
Wide Low-Side Gate Driver and Logic Supply: 10V to 20V
Wide Logic Supply Voltage Offset Voltage: -5V to 5V
Logic Input (IN and SD*) 3.3V Capability
Schmitt Triggered Logic Inputs with Internal Pull Down
Undervoltage Lockout for High- and Low-Side Drivers
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony free.
“Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: SO-14 (Type TH)
Package Material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.142 grams (Approximate)
Ordering Information (Note 4)
Part Number
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
DGD21844MS14-13
DGD21844M
13
16
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
DGD21844M
YY WW
SO-14
= Manufacturer’s Marking
DGD21844M = Product Type Marking Code
YY = Year (ex: 22 = 2022)
WW = Week (01 to 53)
Top View
Typical Configuration


Similar Part No. - DGD21844M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
DGD21844MS14-13 DIODES-DGD21844MS14-13 Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
More results

Similar Description - DGD21844M

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103 DIODES-DGD2103 Datasheet
823Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2103A DIODES-DGD2103A Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD21084 DIODES-DGD21084 Datasheet
770Kb / 12P
HALF BRIDGE GATE DRIVER IN SO-14
Rev 1
DGD21844 DIODES-DGD21844 Datasheet
777Kb / 12P
HALF- BRIDGE GATE DRIVER IN SO-14
Rev 1
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2103M DIODES-DGD2103M Datasheet
897Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
January 2021
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com