Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD21844M Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DGD21844M
Description  HALF-BRIDGE GATE DRIVER IN SO-14
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD21844M Datasheet(HTML) 3 Page - Diodes Incorporated

  DGD21844M Datasheet HTML 1Page - Diodes Incorporated DGD21844M Datasheet HTML 2Page - Diodes Incorporated DGD21844M Datasheet HTML 3Page - Diodes Incorporated DGD21844M Datasheet HTML 4Page - Diodes Incorporated DGD21844M Datasheet HTML 5Page - Diodes Incorporated DGD21844M Datasheet HTML 6Page - Diodes Incorporated DGD21844M Datasheet HTML 7Page - Diodes Incorporated DGD21844M Datasheet HTML 8Page - Diodes Incorporated DGD21844M Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DGD21844M
Document number: DS41250 Rev. 3 - 2
3 of 12
www.diodes.com
February 2022
© Diodes Incorporated
DGD21844M
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
High-Side Floating Supply Voltage
VB
-0.3 to +624
V
High-Side Floating Supply Offset Voltage
VS
VB-24 to VB+0.3
V
High-Side Floating Output Voltage
VHO
VS-0.3 to VB+0.3
V
Offset Supply Voltage Transient
dVS / dt
50
V/ns
Programmable Dead Time Pin Voltage
VDT
VSS-0.3 to VCC+0.3
V
Logic and Low-Side Fixed Supply Voltage
VCC
-0.3 to +24
V
Low-Side Output Voltage
VLO
-0.3 to VCC+0.3
V
Logic Supply Offset Voltage
VSS
VCC-24 to VCC+0.3
V
Logic Input Voltage (IN and SD*)
VIN
VSS-0.3 to VCC+0.3
V
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation Linear Derating Factor (Note 5)
PD
1.0
W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
120
°C/W
Operating Temperature
TJ
+150
°C
Lead Temperature (Soldering, 10s)
TL
+300
Storage Temperature Range
TSTG
-55 to +150
Note:
5. When mounted on a standard JEDEC 2-layer FR-4 board.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
High Side Floating Supply Absolute Voltage
VB
VS + 10
VS + 20
V
High Side Floating Supply Offset Voltage
VS
(Note 6)
600
V
High Side Floating Output Voltage
VHO
VS
VB
V
Logic and Low Side Fixed Supply Voltage
VCC
10
20
V
Low Side Output Voltage
VLO
0
VCC
V
Logic Input Voltage (IN and SD*)
VIN
VSS
5
V
Programmable Dead Time Pin Voltage
VDT
VSS
VCC
V
Logic Ground
VSS
-5
5
V
Ambient Temperature
TA
-40
+125
°C
Note:
6. Logic operation for VS = -5V to +600V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com