Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5601 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5601 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC5601 Datasheet HTML 1Page - Clare, Inc. CPC5601 Datasheet HTML 2Page - Clare, Inc. CPC5601 Datasheet HTML 3Page - Clare, Inc. CPC5601 Datasheet HTML 4Page - Clare, Inc. CPC5601 Datasheet HTML 5Page - Clare, Inc. CPC5601 Datasheet HTML 6Page - Clare, Inc. CPC5601 Datasheet HTML 7Page - Clare, Inc. CPC5601 Datasheet HTML 8Page - Clare, Inc. CPC5601 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CPC5601
R3.0
www.clare.com
3
1. Specifications
1.1 Absolute Minimum and Maximum Ratings
1.2 Electrical Characteristics
Parameter
Minimum
Maximum
Unit
Conditions
Isolation Voltage
1500
-
VRMS
From pins 1, 2, and 3 to
pins 7 through 16
Operating temperature
0
+85
°C
Storage temperature
-40
+125
°C
Soldering temperature
-
+220
°C
Parameter
Minimum
Typical
Maximum
Unit
Conditions
Data Input
Input high threshold current
-
1
5
mA
Input low threshold current
0.10
0.20
-
mA
Input voltage drop
0.9
1.2
1.4
V
IF = 5 mA
b1 Through b5 Output Driver
Output Current
-
-
10
mA
Output Breakdown Voltage
-
-
6
V
On Resistance
-
10
11
Ω
Supply voltage >= 2.8 V
b6 Output Driver
Output Current
-
-
120
mA
Output Breakdown Voltage
-
-
6
V
On Resistance
-
0.5
1.4
Ω
Supply voltage >= 2.8 V
Ring Detect Input
Input Control Current
6
20
100
mA
IC = 2 mA, VCE = 0.5 V
Input Voltage drop
0.9
1.2
1.4
V
IF = 5 mA
Ring Detect Output
Blocking Voltage
20
50
-
V
IC = 10 mA
Dark Current
-
50
500
nA
IF = 0 mA
Saturation Voltage
-
0.3
0.5
V
IC = 2 mA, IF = 16 mA
Current transfer ratio
33
400
-
%
IF = 6 mA, VCE = 0.5 V
Power Requirements
Supply Voltage
2.5
3.5
5.5
V
Total supply current (input current low)
-
0.01
1
µA
Total supply current (input current high)
-
10
20
µA
Specifications subject to change without notice. All performance characteristics based on the use of Clare, Inc. application circuits. Functional operation
of the device at conditions beyond those specified here is not implied. Specification conditions: VDD = 5V, temperature = 25 °C, unless otherwise indi-
cated.
Absolute maximum ratings are stress rat-
ings. Stresses in excess of these ratings
can cause permanent damage to the
device. Functional operation of the device
at these or any other conditions beyond
those indicated in the operational sections
of this data sheet is not implied. Exposure
of the device to the absolute maximum rat-
ings for an extended period may degrade
the device and affect its reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com