Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5601 Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5601 Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC5601 Datasheet HTML 2Page - Clare, Inc. CPC5601 Datasheet HTML 3Page - Clare, Inc. CPC5601 Datasheet HTML 4Page - Clare, Inc. CPC5601 Datasheet HTML 5Page - Clare, Inc. CPC5601 Datasheet HTML 6Page - Clare, Inc. CPC5601 Datasheet HTML 7Page - Clare, Inc. CPC5601 Datasheet HTML 8Page - Clare, Inc. CPC5601 Datasheet HTML 9Page - Clare, Inc. CPC5601 Datasheet HTML 10Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CPC5601
6
www.clare.com
R3.0
2. Application
In the application circuits shown below, the CPC5601
is used to switch AC termination and gain. Loop-cur-
rent limit switching is optional.
Figure 4. CPC5601 Application Circuit Using the LITELINK II and the Optical Snoop Circuit
¹This design was tested and found to comply with FCC part 68 with this part.
Other compliance requirements may require a different part.
²Higher noise power supplies may require substitution of a 220
µH inductor,
Toko 380HB-2215 or similar. See the power quality section of Clare applica-
tion note AN-146, Guidelines for Effective LITELINK Designs for more informa-
tion. Both application circuits use the same components for setting AC
termination and the telephone line current limit.
3Addition of this capacitor improves trans-hybrid loss.
R77 499K 1%
501K
0.015
301
REFM
C3 0.1
II



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com