Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA110PL Datasheet(PDF) 1 Page - Clare, Inc.

Part # LAA110PL
Description  Dual Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA110PL Datasheet(HTML) 1 Page - Clare, Inc.

  LAA110PL Datasheet HTML 1Page - Clare, Inc. LAA110PL Datasheet HTML 2Page - Clare, Inc. LAA110PL Datasheet HTML 3Page - Clare, Inc. LAA110PL Datasheet HTML 4Page - Clare, Inc. LAA110PL Datasheet HTML 5Page - Clare, Inc. LAA110PL Datasheet HTML 6Page - Clare, Inc. LAA110PL Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.clare.com
DS-LAA110L-R7.0
1
LAA110L
Dual Pole OptoMOS® Relays
LAA110L is a Dual 1 Form-A solid state relay that has
two independently controlled optically coupled
MOSFETs with an additional current limiting circuit.
The efficient MOSFET switches and photovoltaic die
use Clare’s patented OptoMOS architecture to provide
3750 V
RMS of input to output isolation. The optically
coupled inputs are controlled by highly efficient
GaAIAs infrared LEDs. Dual pole OptoMOS relays
provide a more compact design solution than discrete
single pole relays in a variety of applications. The dual
pole relays save board space by incorporating both
relays in a single 8-pin package.
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• Certified to:
• EN 60950
• EN 41003
• IEC950
• AS/NZS3260
• Small 8 Pin DIP Package
• Current Limit
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Approvals
Ordering Information
Part #
Description
LAA110L
8 Pin DIP (50/Tube)
LAA110PL
8 Pin Flatpack (50/Tube)
LAA110PLTR
8 Pin Flatpack (1000/Reel)
LAA110LS
8 Pin Surface Mount (50/Tube)
LAA110LSTR
8 Pin Surface Mount (1000/Reel)
LAA110L
Units
Blocking Voltage
350
V
Load Current
120
mA
Max R
ON
35
Ω
Pin Configuration
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
8
7
6
5
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
Load - Switch #1
Load - Switch #1
Load - Switch #2
Load - Switch #2
AC/DC Configuration
LAA110L Pinout
Switching Charcteristics of
Normally Open (Form A) Devices


Similar Part No. - LAA110PL

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LAA110PL IXYS-LAA110PL Datasheet
133Kb / 7P
Dual Single-Pole, Current-Limited OptoMOS Relay
logo
Littelfuse
LAA110PL LITTELFUSE-LAA110PL Datasheet
240Kb / 7P
Current Limiting, Normally Open Relays
11/18/2025
logo
IXYS Corporation
LAA110PLTR IXYS-LAA110PLTR Datasheet
133Kb / 7P
Dual Single-Pole, Current-Limited OptoMOS Relay
logo
Littelfuse
LAA110PLTR LITTELFUSE-LAA110PLTR Datasheet
240Kb / 7P
Current Limiting, Normally Open Relays
11/18/2025
More results

Similar Description - LAA110PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
Dual Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com