Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAA110PL Datasheet(PDF) 2 Page - Clare, Inc.

Part # LAA110PL
Description  Dual Pole OptoMOS Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA110PL Datasheet(HTML) 2 Page - Clare, Inc.

  LAA110PL Datasheet HTML 1Page - Clare, Inc. LAA110PL Datasheet HTML 2Page - Clare, Inc. LAA110PL Datasheet HTML 3Page - Clare, Inc. LAA110PL Datasheet HTML 4Page - Clare, Inc. LAA110PL Datasheet HTML 5Page - Clare, Inc. LAA110PL Datasheet HTML 6Page - Clare, Inc. LAA110PL Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.clare.com
2
LAA110L
Rev. 7.0
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Electrical Characteristics
Absolute Maximum Ratings (@ 25˚ C)
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Blocking Voltage DC or AC peak
-
-
350
V
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
(10 Seconds Max.)
DIP Package
-
-
+260
°C
Flatpack/Surface Mount
Package
-
-
+220
°C
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current (Continuous)*
-
I
L
-
-
120
mA
Peak Load Current
10ms max
I
LPK
-
-
350
mA
On-Resistance
I
L=120mA
R
ON
-30
35
Ω
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
3
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
--
3
ms
Output Capacitance
50V; f=1MHz
C
OUT
-25
-
pF
Load Current Limiting
-
I
CL
130
170
210
mA
Input Characteristics @ 25°C
Input Control Current
I
L=120mA
I
F
5-
50
mA
Input Dropout Current
-
-
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
*Note: If both poles operate load current must be derated so as not to exceed the package power dissipation valve.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com