Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA210LS Datasheet(PDF) 1 Page - Clare, Inc.

Part # LCA210LS
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA210LS Datasheet(HTML) 1 Page - Clare, Inc.

  LCA210LS Datasheet HTML 1Page - Clare, Inc. LCA210LS Datasheet HTML 2Page - Clare, Inc. LCA210LS Datasheet HTML 3Page - Clare, Inc. LCA210LS Datasheet HTML 4Page - Clare, Inc. LCA210LS Datasheet HTML 5Page - Clare, Inc. LCA210LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.clare.com
DS-LCA210L-R1.0
1
LCA210L
Dual Pole OptoMOS® Relays
Applications
Features
Description
Approvals
Ordering Information
LCA210L
Units
Blocking Voltage
350
V
Load Current
100
mA
Max R
ON
35
Ω
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750VRMS Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
The LCA210L is a common input 1-Form 2A solid
state relay which has two independent optically cou-
ple MOSFETS controlled by a common input signal.
The efficient current limiting MOSFET switches and
photovoltaic die use Clare’s patented OptoMOS®
architecture to provide 3750 V
RMS of input to output
isolation. The optically coupled input is controlled by
highly efficient GaAIAs infrared LEDs. Common input
OptoMOS relays can replace standard dual pole
relays in a variety of applications. The common input
relay eliminates the need to make an external circuit
connection when both poles are controlled by a com-
mon signal.
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• Certified to:
• EN 60950
• EN 41003
• IEC 950
• AS/NZS 3260
Part #
Description
LCA210L
8 Pin DIP (50/Tube)
LCA210LS
8 Pin Surface Mount (50/Tube)
LCA210LSTR
8 Pin Surface Mount (1000/Reel)
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
NC
+ Control
Ð Control
NC
8
7
6
5
Output 1
Output 2
Output 1
Output 2
LCA210L Pinout


Similar Part No. - LCA210LS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA210LS IXYS-LCA210LS Datasheet
122Kb / 7P
Common Input, Dual-Pole OptoMOS Relay
LCA210LSTR IXYS-LCA210LSTR Datasheet
122Kb / 7P
Common Input, Dual-Pole OptoMOS Relay
More results

Similar Description - LCA210LS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
Dual Pole OptoMOS Relays
PAA140L CLARE-PAA140L Datasheet
128Kb / 6P
Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com