Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA210LS Datasheet(PDF) 4 Page - Clare, Inc.

Part # LCA210LS
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA210LS Datasheet(HTML) 4 Page - Clare, Inc.

  LCA210LS Datasheet HTML 1Page - Clare, Inc. LCA210LS Datasheet HTML 2Page - Clare, Inc. LCA210LS Datasheet HTML 3Page - Clare, Inc. LCA210LS Datasheet HTML 4Page - Clare, Inc. LCA210LS Datasheet HTML 5Page - Clare, Inc. LCA210LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA210L
Rev. 1.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
LCA210L
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40 -20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
LCA210L
Typical Turn-On vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
5
10 15 20 25 30 35 40 45
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50 55
LCA210L
Typical Turn-Off vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
5 10 15 20 25 30 35 40 45
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50 55
LCA210L
Typical On-Resistance vs. Temperature
(Load Current = Max Rated at Temperature)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
8mA
16mA
LCA210L
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 8mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
LCA210L
Energy Rating Curve
Time
10µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100µs
100ms 1s
10ms
10s 100s
LCA210L
Typical IF for Switch Operation
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100
LCA210L
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 50mADC)
Temperature (
°C)
-40
6.0
5.0
4.0
3.0
2.0
1.0
0
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com