Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3131 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3131
Description  Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3131 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3131 Datasheet HTML 1Page - Global Connector Technology USB3131 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.00±0.10
4.00±0.10
12.00±0.10
120
264
18036
Round Sprocket Hole
Ø
1.
50
+0
.1
0
-0
.0
0
100
6
P S
Ø23
Ø13.5
120°
I/O Direction
Reel
ø330
Detail F
Detail F
Products P/N
USB3131
PCS/Reel
1,500
10
Reels/Carton PCS/Carton
15,000
First approximately
10pcs empty carrier
First approximately
22pcs empty carrier
Cover tape is empty
16.5mm
Label
Protection Tape
1,500 Pieces/Reel
Waterproof bag
P/N
:
C/N
O.
350
mm
35
0m
m
Triangle Liner
Carton
10 Reels
Label
Green Product Label
Cover Tape
Carrier Tape
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
USB3131
Micro USB Receptacle, Type B, Through-Hole,
Vertical, With 2.30mm (Standard) Shell Stakes
CC
USB3131
B PCN
B5
By
Detail
Revision
Part Number
Drawing Date
28th October 2013
07/10/20
Date
--
Direction of Unreeling
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com