Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3131 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3131
Description  Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3131 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3131 Datasheet HTML 1Page - Global Connector Technology USB3131 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
30 = 30µ" Gold
USB3131
30
Specifications:
Materials:
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: Stainless Steel SUS304-1/2H T=0.25mm
Plating:
Underplating: Nickel 50µ" min.
Contact Area: 30
µ" Gold plating
Solder Tails: Gold Flash
Metallic Shell: Nickel 50-100µ"
Electrical:
Voltage Rating: 30V
Current Rating: Signal (Pins 2,3,4):1.0 A
Power (Pins 1,5):1.8 A
Operating Temperature : -55°C to +85°C
Contact Resistance: 30 m
Ω max.
Insulating Resistance: 1000 M
Ω min.
Dielectric Withstand Voltage: 100V AC for 1 minute
Mechanical & Environmental
Mating Force: 35N max.
Unmating Force: Initial 10N min.
Final 8N min after durability test.
Durability: 10,000 Cycles
A
Packing Options
A = Tape & Reel
(1,500 Pieces per Reel)
Designed to comply with physical, electrical and environmental
requirements of Micro USB Standard (USB2.0)
A/B types support USB On-The-GO (OTG) interface.
0230
Shell Stake Length "S"
0230 = 2.30mm
(recommended for 1.6mm PCB thickness)
Request Samples
and Quotation
6.90
6.20
3.50
4.75
7.15
2.60
0.25
5.20
7.94
0.25±0.05
0.35
7.15
0.65
2.60
13
5
24
0.60
1.30
A
A
Section A:A
Component Outline
Recommended PCB Layout
As viewed from component side General Tolerance: ±0.05
Pin 1
Pin 5
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB3131
Micro USB Receptacle, Type B, Through-Hole,
Vertical, With 2.30mm (Standard) Shell Stakes
CC
USB3131
B PCN
B5
By
Detail
Revision
Part Number
Drawing Date
28th October 2013
07/10/20
Date
www.gct.co
X.X ± 0.35
X.XX ± 0.25
-


Similar Part No. - USB3131

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3135 GCT-USB3135 Datasheet
202Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
1st June 2012
More results

Similar Description - USB3131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com