Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3135 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3135
Description  Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3135 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3135 Datasheet HTML 1Page - Global Connector Technology USB3135 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Products P/N
USB3135
PCS/Reel
1500
4
Reels/Carton PCS/Carton
6000
Notes:
1. Peeling off force of top tape: 0.1-1.3N
2. Part Conforms to EIA-481-C Standards
3. All dimensions in millimeters
4. 10 sprocket hole pitch cumulative tolerance±0.2mm
6
P S
350
mm
35
0mm
Triangle Liner
Carton
4 Reels
1500 pieces/reel
Label
Protection Tape
Detail F
Reel
Cardboard
Detail F
Carrier Tape
Peel off Angle
Cover Tape
ø330
I/O Direction
120°
Ø
13
.5
4.0
12.0
200mm Min.
The end approximately
16pcs empty carrier
Packing 1500 pcs product
First approximately
16pcs empty carrier
Cover Tape
Desiccant
Vacuum bag
450x490x0.15
4 Reels
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.2
X.XX ± 0.15
X.XXX ± 0.05
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
2/2
USB3135
Micro USB Receptacle, Type B, SMT, Horizontal
Top (Reverse) Mount, without Peg, with Outer Shell Stakes
CC
USB3135
B PCN
B5
By
Detail
Revision
Part Number
Drawing Date
1st June 2012
16/04/21
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com