Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3135 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3135
Description  Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3135 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3135 Datasheet HTML 1Page - Global Connector Technology USB3135 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
30 = 30µ" Gold
USB3135
30
Specifications:
Materials:
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell : Stainless Steel SUS 304 T = 0.25mm
Plating:
Underplating: 50µ" Nickel
Finish:Contact Area: 30µ" Gold plating
Solder Tails: Gold Flash
Metallic Shell: Matte Tin
Electrical:
Voltage Rating: 30 V AC
Current Rating: Signal (Pins 2,3,4):1.0A.
Power (Pins1,5):1.8A.
Operating Temperature: -30°C to +85°C
Contact Resistance: 30mΩ Max.
Insulating Resistance: 1000MΩ Min.
Dielectric Withstand Voltage: 500V AC/Minute
Mechanical:
Mating Force: 35N Max.
Unmating Force: 10N Min.
Durability: 10,000 Cycles
A
Packing Options
A = Tape & Reel
(1.5K per Reel)
0.10
2.70
3.50
5.00
7.80
7.40
5.40±0.05
6.90+0.05
-0.02
3.50 (max.)
7.15±0.30
4.75
6.2
0.65±0.08
2.60±0.08
0.28
0.90
2.15
5.00±0.30
7.15
5.60
3.90
0.65
2.60
0.40
0.45
Designed to comply with physical,
electrical and environmental requirements
of Micro USB Standard (USB2.0).
Section A-A
Recommended PCB Layout
as viewed from component side
Solder Area
Component Outline
PCB Edge
A
A
2.85
PCB Mount Orientation
Pin 5
Pin 1
Pin 5
Pin 1
Request Samples
and Quotation
1.40
0.50
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.2
X.XX ± 0.15
X.XXX ± 0.05
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
1/2
USB3135
Micro USB Receptacle, Type B, SMT, Horizontal
Top (Reverse) Mount, without Peg, with Outer Shell Stakes
CC
USB3135
B PCN
B5
By
Detail
Revision
Part Number
Drawing Date
1st June 2012
16/04/21
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
www.gct.co


Similar Part No. - USB3135

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
More results

Similar Description - USB3135

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
USB1055 GCT-USB1055 Datasheet
212Kb / 3P
USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
14th February 2011
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3076 GCT-USB3076 Datasheet
201Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
26th August 2011
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
USB3090 GCT-USB3090 Datasheet
244Kb / 2P
Micro USB Receptacle, Type AB SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
4th April 2011
USB3100 GCT-USB3100 Datasheet
206Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Horizontal, Top (Reverse) Mount, without Peg
1st June 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com