Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA193S Datasheet(PDF) 3 Page - Clare, Inc.

Part # PAA193S
Description  Dual Pole OptoMOS Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA193S Datasheet(HTML) 3 Page - Clare, Inc.

  PAA193S Datasheet HTML 1Page - Clare, Inc. PAA193S Datasheet HTML 2Page - Clare, Inc. PAA193S Datasheet HTML 3Page - Clare, Inc. PAA193S Datasheet HTML 4Page - Clare, Inc. PAA193S Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAA193
www.clare.com
3
R01.0
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PERFORMANCE DATA*
35
30
25
20
15
10
5
0
1.25
1.26
1.27
1.28
1.29
LED Forward Voltage Drop (V)
1.30
35
30
25
20
15
10
5
0
34.3
34.6
34.9
35.2
35.5
35.8
36.1
35
30
25
20
15
10
5
0
777
787
797
807
782
792
802
Blocking Voltage (V)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
)
25
20
15
10
5
0
0.65
1.17
1.69
0.39
0.91
1.43
1.95
LED Current (mA)
)
0.64
0.72
0.80
0.92
0.68
0.76
0.88
Turn-On (ms)
25
20
15
10
5
0
0.22
0.26
0.30
0.20
0.28
0.24
Turn-Off (ms)
35
30
25
20
15
10
5
0
PAA193
Typical Load Current vs. Temperature
180
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
Single Pole Operation
Two Pole Operation
IF = 5mA
IF = 5mA
PAA193
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
-40
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0.000
-20
0
20
40
60
80
100
PAA193
Typical Blocking Voltage
vs. Temperature
-40
950
900
850
800
750
700
650
600
-20
0
20
40
60
80
100
PAA193
Typical Turn-On vs. Temperature
(Load Current = 50mADC)
-40
5.000
4.500
4.000
3.500
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
IF = 5mA
IF = 10mA
PAA193
Typical Turn-Off vs. Temperature
(Load Current = 50mADC)
-40
1.000
0.900
0.800
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
IF = 5mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com