Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA193S Datasheet(PDF) 4 Page - Clare, Inc.

Part # PAA193S
Description  Dual Pole OptoMOS Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA193S Datasheet(HTML) 4 Page - Clare, Inc.

  PAA193S Datasheet HTML 1Page - Clare, Inc. PAA193S Datasheet HTML 2Page - Clare, Inc. PAA193S Datasheet HTML 3Page - Clare, Inc. PAA193S Datasheet HTML 4Page - Clare, Inc. PAA193S Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
PAA193
R01.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PAA193
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
IF = 50mA
IF = 5mA
IF = 10mA
PAA193
Typical Turn-On vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
PAA193
Typical Turn-Off vs. LED Forward Current
(Load Current = 50mADC)
LED Forward Current (mA)
0
5
10
15
20
25
30
35
40
45
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
50
PAA193
Typical On-Resistance vs. Temperature
(Load current = 50mADC Instantaneous)
-40
80
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
IF = 5mA
PAA193
Typical On-Resistance vs. Temperature
(Load Current = Max Rated at Temperature)
-40
140
120
100
80
60
40
20
-20
0
20
40
60
80
100
Single Pole Operating
Two Poles Operating
IF = 5mA
IF = 5mA
PAA193
Typical IF for Switch Operation
vs. Temperature
(Load Current = 50mADC)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0.000
-20
0
20
40
60
80
100
PAA193
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 50mADC)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
Output Voltage Drop (V)
150
100
50
0
-50
-100
-150
-6
-4
-2
0
2
4
6
PAA193
Energy Rating Curve
Time
10s
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100s
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com