Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3145 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3145
Description  Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3145 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3145 Datasheet HTML 1Page - Global Connector Technology USB3145 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
END OF REEL APPROXIMATELY
26PCS EMPTY CARRIER
12.0
4.0
Products P/N
USB3145
PCS/Reel
1300
3
Reels/Carton PCS/Carton
3900
Notes注意:
Peeling off force of top tape: 0.1-1.3N
(Peeling direction as shown)
Materials材料:
Carrier Tape: Polystyrene (PS)
Top Tape: PE
Reel Tape: Polystyrene (PS)
START OF REEL APPROXIMATELY
26PCS EMPTY CARRIER
6
P S
350m
m
35
0m
m
Triangle Liner
三角形班轮
Carton
纸箱
700x600x0.05
3 Reels
3 卷轴
1300 pieces/reel
1300 件/卷
Label
标签
Protection Tape
保护胶带
Detail F
Reel
卷筒
Waterproof bag
防水袋
Cardboard
纸板
Detail F
Carrier Tape
载带
Peel off Angle
剥离角度
Cover Tape
盖带
ø330
I/O Direction
卷盘绕逆时针方向转动
Ø13.5
Ø23
200mm min.
Cover Tape
Ø1
.5
3900 pieces/carton
3900 件/纸箱
Label
标签
0.4
A
1
B
C
D
23
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
2/2
CC
By
Detail
Revision
Part Number
Drawing Date
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
USB3145
Micro USB Receptacle, Type B, Through Hole,
Vertical, With Through Hole Shell Stakes
USB3145
B PCN
B2
2nd April 2013
17/01/17
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com