Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3145 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3145
Description  Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3145 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3145 Datasheet HTML 1Page - Global Connector Technology USB3145 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
30 = 30
µ" Gold
USB3145
30
Specification 规格
Material 物料
Plastic Housing 塑胶外壳: LCP, UL94V-0, Black
Contact Terminal 接触端子: Copper Alloy
Metallic Shell 金属外壳: Stainless Steel (T=0.25mm)
Plating 电镀
Metallic Shell 金属外壳: Matte Tin
Underplating 底层电镀: 50µ" Nickel
Contact Area 接触面积: 30µ" Gold plating
Solder Tails 焊接末端: Gold Flash
Electrical 电气
Voltage Rating 电压额定值: 30 V AC
Current Rating 电流额定值: Signal (Pins 2,3,4):1.0 A.
Power (Pins1,5):1.8A.
Operating Temperature 工作温度: -30°C to +85°C.
Contact Resistance 接触电阻值: 30mΩ max.
Insulating Resistance 绝缘电阻值: 1000MΩ min.
Dielectric Withstand Voltage 耐电压: 500V AC/minute
Mechanical & Environmental 机械 & 环境
Mating Force 插入力: 35N max.
Unmating Force 拨出力: 8N min.
Durability 耐久性: 10,000 Cycles
X
A
Packing Options
A = Tape & Reel
(1300 per reel)
Mating Entry Face
1 = With Mating Entry Face (Standard)
0 = Without Mating Entry Face (MOQ = 7800)
Ø0.
40
Ø0
.80
0.75
0.35
7.15
1.30
0.65
0.15
1.00
0.60±0.05
4.75±0.10
0.25
7.15
3.5max
6.90+0.06
-0.02
5.40±0.05
1.11±0.10
0.80
1.1
5.6
2.60±0.05
0.65±0.05
0.25
7.80
2.77
Recommended P.C.B Layout
Viewed from component side General Tolerance: ±0.05
Solder Area
Component Outline
Section A-A
A
A
Designed to comply with physical, electrical and environmental
requirements of Micro USB Standard (USB2.0)
Mating Entry Face
Pin 1
Pin 5
13
5
2
4
Note: Recommended for 1.6mm PCB thickness,
for thinner PCB's choose USB3130 (B) or USB3105 (A/B).
Request Samples
and Quotation
0.75
0.36
0.25
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
1/2
CC
By
Detail
Revision
Part Number
Drawing Date
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
USB3145
Micro USB Receptacle, Type B, Through Hole,
Vertical, With Through Hole Shell Stakes
USB3145
B PCN
B2
2nd April 2013
17/01/17
www.gct.co


Similar Part No. - USB3145

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
More results

Similar Description - USB3145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com