Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3150 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3150
Description  Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3150 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3150 Datasheet HTML 1Page - Global Connector Technology USB3150 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GP
Eco Label
Label
Packing Direction
Input Material Direction
Reel
Carrier Tape
Cover Tape
Cardboard Triangles
350
mm
35
0m
m
Carton
Tape
16.5mm
PE Bag
Reels
2.00±0.10
4.00±0.10
12.00±0.10
120mm
300mm
1800mm
The carrier tape loaded with 1500 pieces of product
The carrier tape is
empty for 10 cavities
Round Sprocket Hole
Ø
1.
50
+0
.1
0
-0
.0
0
The cover tape
100mm
is empty
Part Number
Pcs./Reel
Reels/Carton
Pcs./Carton
USB3150
1500
10
15000
Part Number
Specification
Q'ty
Carrier Tape
16.0mm (W) x 18.42m (L)
10
Cover Tape
13.3mm (W)
185.2m
Reel
330 x 21mm
10
Bag
400 x 400 x 400mm, PE
1
Cardboard Triangles
430 x 215 x 3mm
4
Carton
350 x 350 x 230mm
1
Desiccant
3.5g
2
The carrier tape is
empty for 25 cavities
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.10
X.XX ± 0.05
X.° ± 2.0°
X.X° ± 1.0°
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
USB3150
Micro USB Plug - Type B, Through-Hole
Vertical, with Shell Stakes and Locating Pegs
CC
USB3150
B PCN
B
By
Detail
Revision
Part Number
Drawing Date
30th April 2015
23/05/19
Date
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com