Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3150 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3150
Description  Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3150 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3150 Datasheet HTML 1Page - Global Connector Technology USB3150 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Contact Plating
30 = 30µ" Gold
USB3150
Ordering Grid
30
Packing
A = Tape and Reel
(1,500 per reel)
A
Request Samples
and Quotation
Recommended PCB Layout
Tolerance: ±0.05mm
Component Outline
Designed to comply with physical, electrical and environmental
requirements of Micro USB Standard (USB2.0)
Specifications
Materials:
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: Stainless Steel
Plating:
Underplating: 50µ" Nickel min.
Finish:Contact Area: 30µ" Gold plating
Solder Tails: Matte Tin
Metallic Shell: Nickel
Electrical:
Voltage Rating: 30 V AC
Current Rating: Signal (Pins 2,3,4):1.0 A.
Power (Pins1,5):1.8A.
Operating Temperature: -30°C to +85°C.
Contact Resistance: 30 m
Ω max.
Insulating Resistance: 1000 M
Ω min.
Dielectric Withstand Voltage: 500V AC/Minute
Mechanical:
Mating Force: 35N max.
Unmating Force: 8N min.
Durability: 10,000 cycles
XXX
Shell Stake & Lead Length "S"
075 = 0.75mm (recommended for PCB thickness 0.4mm)
130 = 1.30mm (recommended for PCB thickness 0.8mm)
5.60
2.60
1.30
6.85
3.65
3.00
5.60
4x0.40
2.50
0.65
5x0.25
Ø0.66
4.75
5.30
5x0.20
7.35
Ø0.72 (base)
1.30
2.60
0.42
4xR
0.40
0.20
4xØ
0.5
5
5xØ
0.45
2xØ0.8
0
3.00
6.65
2x
Ø0
.70
6.65
2x0.46
2x0.20
0.20
Pin 1
Pin 5
Pin 1
Pin 5
Pin 1
GND
(Shell)
GND
(Shell)
Pin 3
Pin 5
GND
(Shell)
GND
(Shell)
Pin 2
Pin 4
PCB Pin Number
Description
Pin
Signal
1
VBUS
2
D-
3D+
4ID
5
GND
Shell
Shield
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.10
X.XX ± 0.05
X.° ± 2.0°
X.X° ± 1.0°
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB3150
Micro USB Plug - Type B, Through-Hole
Vertical, with Shell Stakes and Locating Pegs
CC
USB3150
B PCN
B
By
Detail
Revision
Part Number
Drawing Date
30th April 2015
23/05/19
Date
www.gct.co
Pin Assignments


Similar Part No. - USB3150

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
logo
StarTech.com Ltd.
USB315CC1M STARTECH-USB315CC1M Datasheet
75Kb / 3P
USB-C to USB-C Cable - M/M - 1 m (3 ft.) - USB 3.0 (5Gbps)
More results

Similar Description - USB3150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB4070 GCT-USB4070 Datasheet
264Kb / 3P
USB 3.2 Gen2 Type C Receptacle Vertical, SMT with Shell Stakes & Locating Pegs
5th May 2016
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com