Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3155 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3155
Description  Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3155 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3155 Datasheet HTML 1Page - Global Connector Technology USB3155 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pull Out Direction
Direction
Pull out
Carrier Tape
Cover Tape
Plastic Reel
120°
Ø13.5
Ø23
Detail :F-F
P S
6
350
mm
35
0m
m
Carton
OUTER Ø330
Detail "F"
The Direction Of Product Packing
Protection Tape
1500Pcs/Reel
Desiccant 1PC
Vacuum Bag
Vacuum Bag
(450x490x0.15)
12.00
The End Approximately
20 pcs Empty Carrier
First Approximately
20 pcs Empty Carrier
Packing 1500 pcs Product
200mm
Part Number
Pcs./Reel
Reels/Carton
Pcs./Carton
USB3155
1500
3
4500
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.50
X.XX ± 0.30
X.XXX ± 0.20
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
CC
By
Detail
Revision
Part Number
Drawing Date
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
USB3155
Micro USB Receptacle, Type B
SMT, Horizontal, Mid-Bottom Mount
USB3155
B PCN
B3
9th April 2015
20/03/19
Round Sproket Hole
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com