Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3155 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3155
Description  Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3155 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3155 Datasheet HTML 1Page - Global Connector Technology USB3155 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Request Samples
and Quotation
Specification:
Material:
Plastic Housing: Thermoplastic, UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: Stainless Steel
Plating:
Underplating: Ni overall 50µ" min.
Contact Terminal:
Contact Area: See ordering grid
Solder area : Gold Flash
Metallic Shell: Matte Tin 50µ" min.
Electrical:
Voltage Rating: 30 V AC max.
Current Rating: Signal Pins (2,3,4) 1.0 A
Power Pins (1,5) 1.8 A
Dielectric Withstanding: 500V AC
Insulation Resistance: 1000 MΩ min.
Contact Resistance: 30 mΩ max.
Mechanical & Environment :
Operating Temperature: -30°C to +85°C
Mating Force: 35N max.
Unmating Force: 10N min.
Durability: 10,000 cycles
USB3155
A
Packing Options
A = Tape & Reel w/Film
(1,500 per reel)
Section A-A
Recommended PCB Layout
PCB Thickness = 0.6mm
Component Outline
Solder Area
30
Contact Plating
30 = 30µ" Gold
4.75
0.65
6.90+0.05
-0.02
6.20 ref.
1.30
2.60
5.32
2.55±0.10
1.05±0.20
2.10+0.20
-0.05
2.70+0.05
-0.08
3.50±0.10
1.30±0.08
2.60±0.08
0.28±0.05
7.50+0.10
-0.30
7.90
0.90
0.60
9.88
Mylar
4.00
0.10
PCB Edge
A
A
Designed to comply with physical,
electrical and environmental requirements
of Micro USB Standard (USB2.0).
PCB Mount Orientation
9.88
0.43
0.65
0.22
8.00
1
5
1
5
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
CC
By
Detail
Revision
Part Number
Drawing Date
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
USB3155
Micro USB Receptacle, Type B
SMT, Horizontal, Mid-Bottom Mount
USB3155
B PCN
B3
9th April 2015
20/03/19
www.gct.co
4.00


Similar Part No. - USB3155

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
logo
StarTech.com Ltd.
USB315CC1M STARTECH-USB315CC1M Datasheet
75Kb / 3P
USB-C to USB-C Cable - M/M - 1 m (3 ft.) - USB 3.0 (5Gbps)
More results

Similar Description - USB3155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473460001 MOLEX6-0473460001 Datasheet
114Kb / 3P
0.65mm (.026") Pitch Micro-USB B Receptacle, Bottom Mount, SMT, Lead Free
logo
FCI connector
10103593 FCI-CONNECTOR-10103593 Datasheet
203Kb / 1P
MICRO-USB B-TYPE MID-MOUNT
logo
Wurth Elektronik GmbH &...
629105150521 WURTH-629105150521 Datasheet
490Kb / 2P
MICRO USB 2.0 TYPE B - HORIZONTAL - SMT
logo
Kycon, Inc.
KMMLX KYCON-KMMLX Datasheet
424Kb / 1P
B Type Mid-Mount Micro USB
logo
Global Connector Techno...
USB3500 GCT-USB3500 Datasheet
259Kb / 4P
Micro USB Type B Receptacle,Mid-Mount,IP67
16th January 2019
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB3070 GCT-USB3070 Datasheet
200Kb / 2P
Micro USB Receptacle, Type B, Mid-Mount SMT, Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
4th April 2011
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3085 GCT-USB3085 Datasheet
212Kb / 2P
Micro USB Receptacle, Type AB, Surface Mount, Horizontal, Bottom Mount, Without Peg
4th April 2011
logo
Molex Electronics Ltd.
SD-105017-001 MOLEX-SD-105017-001 Datasheet
178Kb / 2P
MICRO USB BOTTOM MOUNT RECEPTACLE, B TYPE
2008.01.23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com