Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3190 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3190
Description  Micro USB Receptacle, Type B,Surface Mount, Vertical, Low Profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3190 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3190 Datasheet HTML 1Page - Global Connector Technology USB3190 Datasheet HTML 2Page - Global Connector Technology USB3190 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended PCB Layout
Recommended PCB Thickness: 1.00mm
General tolerance: ±0.05
Note: please refer to Irregularly-shaped holes manufacture
process for detail PCB layout dimension and process
Solder Area
Component Outline
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/3
USB3190
Micro USB Receptacle, Type B,Surface Mount,
Vertical, Low Profile
CC
Drawing
Release
A2
By
Detail
Revision
Part Number
Drawing Date
31st July 2020
12/10/20
Date
-
www.gct.co
1.30
2.20
6.40
Irregularly-shaped holes manufacture process
General tolerance: ±0.05
Step 1: Create plated through holes
Step 2: Drill holes after plated through holes created
Step 3: Finished PCB holes
5.30
1.80
Recommended Solder mask
Thickness = 0.12mm
1.70
2.00
0.40
1.30
2.60
R1.10
7.00
8.60
R0.15
Note:
1. Solder balls may present on bottom side of the PCBA after reflow
soldering. Washing & cleaning is recommended to remove debris.
2. Some additional hand soldering may be required after reflow.
0.40
1.30
2.60
1.30
1.70
2.00
R0.90
0.525



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com