Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3190 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3190
Description  Micro USB Receptacle, Type B,Surface Mount, Vertical, Low Profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3190 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3190 Datasheet HTML 1Page - Global Connector Technology USB3190 Datasheet HTML 2Page - Global Connector Technology USB3190 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Plug and Receptacle
Mating View
8.50 max.
6.90+0.06
-0.02
3.50
0.60 Min.
4.75±0.05
2.00
2x 0.80
5x 0.25±0.05
2x 1.30
2x 2.60
3.80
Pin 5
Pin 1
Pin 5
Pin 1
7.50
2.48
1.85
0.30
2.80
5.40±0.05
8.9
Specifications
Material
Plastic Housing : LCP, UL94V-0, Black
Contact Terminal : C2680, T=0.15mm
Metallic Shell : SUS304, T=0.30mm
Plating
Contact Terminal:
Contact Area: Gold Flash
Solder Tails: Gold Flash
Underplating: 50µ" Nickel
Metallic Shell: 50µ" Nickel over all
Electrical
Voltage Rating: 30 V AC
Current Rating: Signal (Pins 2,3,4): 1.0 A.
Power (Pins1,5): 1.8A.
Operating Temperature: -30°C to +85°C.
Contact Resistance: 30mΩ max.
Insulating Resistance: 1000MΩ min.
Dielectric Withstand Voltage: 100V AC/minute
Mechanical & Environmental
Mating Force: 35N max.
Unmating Force: 8N to 25N after durability test
Durability: 10,000 Cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB3190
Micro USB Receptacle, Type B,Surface Mount,
Vertical, Low Profile
CC
Drawing
Release
A2
By
Detail
Revision
Part Number
Drawing Date
31st July 2020
12/10/20
Date
-
Ordering Grid
Contact Plating
GF = Gold Flash
USB3190
GF
C
Packing Options
C = Tape & Reel with Cap
(900 per reel)
Request Samples
and Quotation
Pick & Place Cap
www.gct.co
0.10
Cap


Similar Part No. - USB3190

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3100 GCT-USB3100 Datasheet
206Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Horizontal, Top (Reverse) Mount, without Peg
1st June 2012
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3106 GCT-USB3106 Datasheet
151Kb / 6P
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
03/12/13 Rev A
More results

Similar Description - USB3190

ManufacturerPart #DatasheetDescription
logo
FCI connector
10104110 FCI-CONNECTOR-10104110 Datasheet
132Kb / 1P
MICRO USB B TYPE RECEPTACLE
logo
Mill-Max Mfg. Corp.
897-10-010-00 MILL-MAX-897-10-010-00 Datasheet
112Kb / 2P
USB Socket Type B; Single; Vertical Surface Mount Micro USB 3.0 Single Row Surface Mount
logo
FCI connector
10118192 FCI-CONNECTOR-10118192 Datasheet
77Kb / 1P
MICRO USB B TYPE RECEPTACLE
10118194 FCI-CONNECTOR-10118194 Datasheet
79Kb / 1P
MICRO USB B TYPE RECEPTACLE
10118194-0001LF FCI-CONNECTOR-10118194-0001LF Datasheet
79Kb / 1P
MICRO USB B TYPE RECEPTACLE
10118193 FCI-CONNECTOR-10118193 Datasheet
78Kb / 1P
MICRO USB B TYPE RECEPTACLE
logo
Global Connector Techno...
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB3505 GCT-USB3505 Datasheet
249Kb / 4P
Micro USB Type B Receptacle,Top-Mount,IP67
6th September 2019
logo
Molex Electronics Ltd.
SD-105017-001 MOLEX-SD-105017-001 Datasheet
178Kb / 2P
MICRO USB BOTTOM MOUNT RECEPTACLE, B TYPE
2008.01.23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com