Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA170 Datasheet(PDF) 1 Page - Clare, Inc.

Part # PLA170
Description  Single Pole OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA170 Datasheet(HTML) 1 Page - Clare, Inc.

  PLA170 Datasheet HTML 1Page - Clare, Inc. PLA170 Datasheet HTML 2Page - Clare, Inc. PLA170 Datasheet HTML 3Page - Clare, Inc. PLA170 Datasheet HTML 4Page - Clare, Inc. PLA170 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-PLA170-R01
1
PLA170
Single Pole OptoMOS® Relay
Part #
Description
PLA170
6 Pin DIP (50/tube)
PLA170S
6 Pin Surface Mount (50/tube)
PLA170STR
6 Pin Surface Mount (1000/Reel)
PLA170
Units
Load Voltage
800
V
P
Load Current
AC/DC Configuration
100
mA
DC Configuration
180
mA
Max R
ON
AC/DC Configuration
50
Ω
DC Configuration
14
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
•
Instrumentation
•
Multiplexers
•
Data Acquisition
•
Electronic Switching
•
I/O Subsystems
•
Meters (Watt-Hour, Water, Gas)
•
Medical Equipment—Patient/Equipment Isolation
•
Security
•
Aerospace
•
Industrial Controls
•
100% Solid State
•
Small 6 Pin Package
•
Low Drive Power Requirements (TTL/CMOS
Compatible)
•
Arc-Free With No Snubbing Circuits
•
3750V
rms Input/Output Isolation
•
No EMI/RFI Generation
•
Machine Insertable, Wave Solderable
•
800V blocking
The PLA170 is a 1-Form-A Solid State Relay which
uses optically coupled MOSFET technology to provide
enhanced input-to-output isolation of 3750V
rms. The
efficient MOSFET switches and photovoltaic die use
Clare’s patented OptoMOS® architecture.
®
®
The optically-coupled output is controlled by a GaAIAs
infrared LED. The PLA170 is designed to replace
electromechanical relays and offers the superior
reliability associated with Solid State devices. This
device provides bounce-free switching in a more
compact surface mount or through hole package.
1
3
2
4
5
6
+ Control
– Control
NC
Load
Do Not Use
Load
AC/DC Configuration
PLA170 Pinout
Normally Open (Form A) Devices
Switching Characteristics of
Switching Characteristics of
Approvals
•
UL Recognized File: E76270
•
CSA Certified File: LR 43639-10
•
Certified to:
•
EN 60950
•
EN 41003
1
3
2
4
5
6
+ Control
– Control
NC
+ Load
– Load
DC Only Configuration
PLA170 Pinout


Similar Part No. - PLA170

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA170 IXYS-PLA170 Datasheet
122Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PLA170S IXYS-PLA170S Datasheet
122Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
PLA170STR IXYS-PLA170STR Datasheet
122Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
More results

Similar Description - PLA170

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
Single Pole OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com