Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA170 Datasheet(PDF) 2 Page - Clare, Inc.

Part # PLA170
Description  Single Pole OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA170 Datasheet(HTML) 2 Page - Clare, Inc.

  PLA170 Datasheet HTML 1Page - Clare, Inc. PLA170 Datasheet HTML 2Page - Clare, Inc. PLA170 Datasheet HTML 3Page - Clare, Inc. PLA170 Datasheet HTML 4Page - Clare, Inc. PLA170 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
PLA170
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚ C)
Parameter
Ratings
Units
Blocking Voltage
800
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate Linearly 3.33 mw / ºC
2 Derate Linearly 6.67 mw / ºC
Electrical Characteristcs
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
AC/DC Configuration 1
Continuous
I
L
-
-
100
mA
DC Configuration
180
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance 2
AC/DC Configuration
I
L= Load Current
R
ON
-
-
50
Ω
DC Configuration
-
-
14
Off-State Leakage Current
V
L=800V
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
-
-
5
ms
Turn-Off
I
F =5mA, VL=10V
T
OFF
-
-
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
50
-
pF
Input Characteristics @ 25°C
Input Control Current 3
I
L=Load Current
I
F
5
-
-
mA
Input Dropout Current
-
I
F
0.3
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-
3
-
pF
Input to Output Isolation
60 Hz, 60 seconds
V
I/O
I/O
3750
-
-
V
rms
1 Load derates linearly from 100mA @ 25oC to 90mA @80oC.
2 Measurement taken within 1 second of on time.
3 For applications requiring high temperature operation (greater than 60oC) an LED drive current of 10mA is recommended.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com