Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4085 Datasheet(PDF) 3 Page - Global Connector Technology

Part # USB4085
Description  USB 2.0 Type C Receptacle Dip Type, PCB Top Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4085 Datasheet(HTML) 3 Page - Global Connector Technology

  USB4085 Datasheet HTML 1Page - Global Connector Technology USB4085 Datasheet HTML 2Page - Global Connector Technology USB4085 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Detail 1
4:1
2.00±0.10
4.00±0.10
Ø1.
50
+0.
10
-0.0
0
16.00±0.10
Detail 1
Unloaded Section
About 160mm long
Label
32.4
About 160mm long
Unloaded Section
Product Loaded Section
Peeling Angle
38.4
400 min.
165° ~ 180°
User Direction of Unreeling
Notes:
Peeling off force of top tape: 0.1-1.3N (Peeling direction as shown)
Materials:
Carrier Tape: Polystyrene (PS)
Top Tape: PE
Reel Tape: Polystyrene (PS)
Bag: PE
355mm x 355mm x 305mm
Tape & Reel
Void filler
Box dimensions
Inner carton dimensions
Vacuum Bag
340mm x 340mm x 285mm
Pcs /
Reel
Reels /
Carton
Total
Qualtity
700
7
4,900 pcs
5.34±0.10
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
3/3
USB4085
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
9th April 2018
Date
± 2°
USB 2.0 Type C Receptacle
Dip Type, PCB Top Mount
A4
27/07/21
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com