Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4085 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4085
Description  USB 2.0 Type C Receptacle Dip Type, PCB Top Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4085 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4085 Datasheet HTML 1Page - Global Connector Technology USB4085 Datasheet HTML 2Page - Global Connector Technology USB4085 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Material
Insulator: High Temp. Plastic UL 94V-0, Black
Contact: Copper Alloy (T=0.15mm)
Shell: Stainless steel (T=0.30mm)
Inner Ground Cover Shell: Stainless Steel (T=0.10mm)
Mid-Plate: Stainless Steel (T=0.15mm)
Plating
Contact:
Contact Area: See Ordering Grid
Solder Tails: 80µ" min. Matte Tin
Underplating: 50µ" min. Nickel
Shell: 50µ" min. Nickel
Inner Ground Cover Shell& Mid-Plate: Cleaning
Electrical
Current Rating:
3.00A collectively for VBUS pins
4.25A collectively for GND pins
1.25A for B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -40°C to 85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
Pin
Signal
Mating
Sequence
A1
GND
First
A4
VBUS
First
A5
CC1
Second
A6
Dp1
Second
A7
Dn1
Second
A8
SBU1
Second
A9
VBUS
First
A12
GND
First
SHELL
GND
Pin
Signal
Mating
Sequence
B12
GND
First
B9
VBUS
First
B8
SBU2
Second
B7
Dn2
Second
B6
Dp2
Second
B5
CC2
Second
B4
VBUS
First
B1
GND
First
SHELL
GND
Ordering Grid
Request Samples
and Quotation
USB4085
A
Packing Options
A = Tape & Reel
(700 per reel)
XX
Contact Plating
GF = Gold Flash (Standard)
30 = 30µ" Gold
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB4085
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
9th April 2018
Date
± 2°
USB 2.0 Type C Receptacle
Dip Type, PCB Top Mount
A4
27/07/21
www.gct.co
A1
A12
B12
B1
8.34+0.06
-0.02
A
B
A
B
4.25
3.38
0.80±0.10
1.50±0.10
7.26
1.35
0.27
2x 0.25±0.025
6.69+0.05
-0.06
8.94
8.64
0.85
2.55
4.25
5.95
T=0.30±0.05
16x 0.22±0.05
T=0.15±0.05
0.98
C
Section A-A
Section B-B
Detail C
Scale 2:1
4.45


Similar Part No. - USB4085

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4085-30-A GCT-USB4085-30-A Datasheet
212Kb / 3P
CONN RCPT USB2.0 TYPE C 168POS
USB4085-GF-A GCT-USB4085-GF-A Datasheet
212Kb / 3P
CONN RCPT USB2.0 TYPE C 168POS
More results

Similar Description - USB4085

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4105-GF-A ETC-USB4105-GF-A Datasheet
391Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
A1
USB4110-GF-A ETC-USB4110-GF-A Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
logo
Global Connector Techno...
USB4800 GCT-USB4800 Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
USB4055 GCT-USB4055 Datasheet
238Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount.
21st April 2016
USB4065 GCT-USB4065 Datasheet
229Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount
21th April 2016
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
USB4500 GCT-USB4500 Datasheet
173Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 0.8mm Offset
1st July 2021
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
logo
Molex Electronics Ltd.
2178040001 MOLEX-2178040001 Datasheet
395Kb / 4P
TOP MOUNT USB TYPE C RECEPTACLE IPX8
REVISION A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com