Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM7200 Datasheet(PDF) 4 Page - Global Connector Technology

Part # SIM7200
Description  Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM7200 Datasheet(HTML) 4 Page - Global Connector Technology

  SIM7200 Datasheet HTML 1Page - Global Connector Technology SIM7200 Datasheet HTML 2Page - Global Connector Technology SIM7200 Datasheet HTML 3Page - Global Connector Technology SIM7200 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Detail B
1.90±0.40
User Direction of Unreeling
Leader 160mm min.
Component
Supplier
Trailer
100mm min.
Empty 8 pcs min.
Part 1300 pcs
Empty
5 pcs min.
User Direction of Unreeling
Carrier tape
Detail B
Cover Tape
(300mm min.)
Label
Reel
Carrier Tape
Cover tape
Triangle x4
Carton
Reel x5
Part No.
Pcs/Reel
Reels/Carton
Pcs/Carton
SIM7200
1300
5
6500
Peeling Force: 20g to 130g
Cover tape peeling angle
165° to 180°
20.00
Ø1
.50
PE Bag
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
4/4
CC
By
Detail
Revision
Part Number
Drawing Date
Date
SIM7200
8th September 2016
Micro SIM Card Connector
Hinged Type, 6 Pin, SMT, 1.75mm Profile
X. ± 0.30
X.X ± 0.25
X.XX ± 0.15
X. ± 5°
X.X ± 2°
X.XX ± 1°
Drawing
Release
A2
22/06/22
www.gct.co



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com