Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM7200 Datasheet(PDF) 1 Page - Global Connector Technology

Part # SIM7200
Description  Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM7200 Datasheet(HTML) 1 Page - Global Connector Technology

  SIM7200 Datasheet HTML 1Page - Global Connector Technology SIM7200 Datasheet HTML 2Page - Global Connector Technology SIM7200 Datasheet HTML 3Page - Global Connector Technology SIM7200 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications
Material
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Phosphor Bronze
Metallic Shell: Stainless Steel
Plating
Contact Terminal plating:
Under-plating: 30µ" min. Nickel
Contact Area: 1µ" min. Gold
Soldering Area: 50µ" min. Tin
Metallic Shell plating:
Under-plating: 30µ" Nickel
Soldering Area: 30µ" Nickel
Electrical
Voltage rating: 30V max.
Current Rating: 1.0 Amp max.
Contact Resistance: 100 mΩ max.
Insulation Resistance: 1000 MΩ min.
Dielectric Withstand Voltage: 500 V AC
Mechanical & Environmental
Operating Temperature: -40°C to +85°C
Durability : 5,000 cycles
Recommended PCB Layout
(Viewed from Component Side - Tolerance:±0.05mm)
Component Outline
Solder Area
Ordering Grid
Request Samples
and Quotation
SIM7200
No. of Contacts
6
6
A
Packing Options
A = Tape & Reel
(1,300 per reel)
Switch
0 = Without
0
Locating Peg
00 = Without
00
18
Profile Height
18 = 1.75mm
14.05
14.70
0.35
6.35
3.43
8.00
2.93
15.00
Pitch 1.27
6.35
3.72
C3
C7
C2
C6
C1
C5
C3
C7
C2
C6
C1
C5
2x 1.00
6x 0.75
2.92
14.30
Keep Out Area
6x1.50
Pitch2.54
1.30
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.25
X.X ± 0.20
X.XX ± 0.15
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/4
SIM7200
Micro SIM Card Connector
Hinged Type, 6 Pin, SMT, 1.75mm Profile
CC
Drawing
Release
A2
By
Detail
Revision
Part Number
Drawing Date
8th September 2016
22/06/22
Date
± 3°
0.13
0.08
www.gct.co


Similar Part No. - SIM7200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM700 ETC1-SIM700 Datasheet
2Mb / 12P
Wireless Module Solutions
SIM7000G ETC1-SIM7000G Datasheet
538Kb / 2P
eMTC/NB-IoT/EDGE Module
SIM700D ETC1-SIM700D Datasheet
2Mb / 12P
Wireless Module Solutions
SIM7020 ETC1-SIM7020 Datasheet
409Kb / 3P
SIMCom NB-IoT Module
SIM7020E ETC1-SIM7020E Datasheet
409Kb / 3P
SIMCom NB-IoT Module
More results

Similar Description - SIM7200

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
250058MA006G102ZL SUYIN-USA-250058MA006G102ZL Datasheet
180Kb / 1P
SIM CARD CONNECTOR 6 PIN
logo
Adam Technologies, Inc.
SCC-06-SG-HC-NS-NP-TR ADAM-TECH-SCC-06-SG-HC-NS-NP-TR Datasheet
84Kb / 1P
SIM CARD 6 PIN
SCC-06-SG-HC-NS-TR ADAM-TECH-SCC-06-SG-HC-NS-TR Datasheet
99Kb / 1P
SIM CARD 6 PIN
logo
Global Connector Techno...
SIM6050 GCT-SIM6050 Datasheet
282Kb / 3P
SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin, SMT, Profile 3.00mm
15th March 2010
SIM7050 GCT-SIM7050 Datasheet
242Kb / 3P
Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
24th August 2012
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8055 GCT-SIM8055 Datasheet
276Kb / 3P
Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
27th November 2017
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com