Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM8060 Datasheet (PDF) - Global Connector Technology

SIM8060 Datasheet PDF - Global Connector Technology
Part # SIM8060
Download  SIM8060 Download
File Size   263.46 Kbytes
Page   4 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile

SIM8060 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIM8060 Datasheet PDF - Global Connector Technology

Part # SIM8060
Download  SIM8060 Click to download

File Size   263.46 Kbytes
Page   4 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile

SIM8060 Datasheet (HTML) - Global Connector Technology




Similar Part No. - SIM8060

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
SIM8066 GCT-SIM8066 Datasheet
214Kb / 3P
no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile
19th March 2021
More results


Similar Description - SIM8060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0470230001 MOLEX11-0470230001 Datasheet
85Kb / 1P
1,9MM (HEAIGHT) HINGED SIM CARD READER CONNECTOR
0473880001 MOLEX11-0473880001 Datasheet
118Kb / 1P
1,9MM (HEAIGHT) HINGED SIM CARD READER CONNECTOR
logo
Japan Aviation Electron...
SF72 JAE-SF72 Datasheet
770Kb / 5P
nano SIM Card Connector
logo
Global Connector Techno...
SIM6050 GCT-SIM6050 Datasheet
282Kb / 3P
SIM Card Connector, Retainer Type, Dual SIM, 2x8 Pin, SMT, Profile 3.00mm
15th March 2010
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8055 GCT-SIM8055 Datasheet
276Kb / 3P
Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
27th November 2017
SIM8066 GCT-SIM8066 Datasheet
214Kb / 3P
no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile
19th March 2021
logo
ATTEND Technology Inc.
115V ATTEND-115V Datasheet
362Kb / 6P
Nano SIM Socket, Hinge Type, 6Pin 10u” Reel
2019/08/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com