Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM8060 Datasheet(PDF) 3 Page - Global Connector Technology

Part # SIM8060
Description  Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM8060 Datasheet(HTML) 3 Page - Global Connector Technology

  SIM8060 Datasheet HTML 1Page - Global Connector Technology SIM8060 Datasheet HTML 2Page - Global Connector Technology SIM8060 Datasheet HTML 3Page - Global Connector Technology SIM8060 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.15
X.XX ± 0.10
X.XXX ± 0.05
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
3/4
SIM8060
Nano SIM Card Connector
Hinged Type,SMT,6Pin, 1.43mm Profile
CC
Drawing
Release
A2
By
Detail
Revision
Part Number
Drawing Date
6th September 2018
15/10/21
Date
± 1°
www.gct.co
Mini SIM
Micro SIM
Nano SIM
25.00mm Mini
15.00mm Micro
12.30mm Nano
Reference
C2----->RST
C3----->CLK
C1----->VCC
C6----->Vpp
C5----->GND
C7----->I/O



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com