Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM8060 Datasheet(PDF) 2 Page - Global Connector Technology

Part # SIM8060
Description  Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM8060 Datasheet(HTML) 2 Page - Global Connector Technology

  SIM8060 Datasheet HTML 1Page - Global Connector Technology SIM8060 Datasheet HTML 2Page - Global Connector Technology SIM8060 Datasheet HTML 3Page - Global Connector Technology SIM8060 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
2
3
4
Slide metal lid from 'LOCK' position
to 'OPEN' position
Open metal lid to allow Nano SIM card to be inserted
Place Nano SIM card against contacts, chip face down
Close metal lid and slide back to 'LOCK' position
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.15
X.XX ± 0.10
X.XXX ± 0.05
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/4
SIM8060
Nano SIM Card Connector
Hinged Type,SMT,6Pin, 1.43mm Profile
CC
Drawing
Release
A2
By
Detail
Revision
Part Number
Drawing Date
6th September 2018
15/10/21
Date
± 1°
www.gct.co



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com