Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM7155 Datasheet (PDF) - Global Connector Technology

SIM7155 Datasheet PDF - Global Connector Technology
Part # SIM7155
Download  SIM7155 Download
File Size   207.78 Kbytes
Page   3 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile

SIM7155 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIM7155 Datasheet PDF - Global Connector Technology

Part # SIM7155
Download  SIM7155 Click to download

File Size   207.78 Kbytes
Page   3 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile

SIM7155 Datasheet (HTML) - Global Connector Technology




Similar Part No. - SIM7155

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
logo
List of Unclassifed Man...
SIM7100A ETC1-SIM7100A Datasheet
243Kb / 1P
Quad-Band LTE-FDD B2/B4/B5/B17 Dual-Band UMTS/HSDPA/HSPA B2/B5
SIM7100E ETC1-SIM7100E Datasheet
233Kb / 1P
Five-Band FDD-LTE B1/B3/B7/B8/B20
More results


Similar Description - SIM7155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1050340001 MOLEX11-1050340001 Datasheet
159Kb / 3P
2.54mm (.100") Pitch SIM Card Connector, Push-Push Type, 6 Circuits, SMT, with Solder Tabs
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Wurth Elektronik GmbH &...
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
logo
Global Connector Techno...
SIM7050 GCT-SIM7050 Datasheet
242Kb / 3P
Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
24th August 2012
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8055 GCT-SIM8055 Datasheet
276Kb / 3P
Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
27th November 2017
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
SIM8066 GCT-SIM8066 Datasheet
214Kb / 3P
no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile
19th March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com