Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM7155 Datasheet(PDF) 1 Page - Global Connector Technology

Part # SIM7155
Description  Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM7155 Datasheet(HTML) 1 Page - Global Connector Technology

  SIM7155 Datasheet HTML 1Page - Global Connector Technology SIM7155 Datasheet HTML 2Page - Global Connector Technology SIM7155 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.38
11.80
16.10
0.80
9.55
10.955
4.765
3.00
1.00
1.74
C5
C1
C6
C2
CD
C3 C7
GND
GND
1.00
0.55
15.50
12.00
1.43±0.10
2.54
5.08
6x 0.25
0.50
6.53
0.10
6x 0.60
C1
C5
C1
C6
C2
CD
C7
C3
GND
GND
Recommended PCB Layout
General Tolerance ±0.05
Locating peg holes only applicable to locating peg version
Component Outline
Solder Area
Keep Out Area
GND
GND
GND
GND
Circuit Diagram for Card Detect Switch
Card Inserted
GND
CD
Without Card
(Normally Close)
GND
CD
Ordering Grid
Request Samples
and Quotation
Specification:
Material:
Housing: LCP, S475, UL94V-0, Black
Slider: LCP, MG350, UL94V-0, Black
Contact Terminal: Copper Alloy, C5210-EH
Shell: Stainless Steel, SUS304
Link: Stainless Steel, USB304
Spring: Stainless Steel, SWP-B
Plating:
Contact Terminal:
Contact Area: Gold Flash
Solder area: Gold Flash
Underplating: Ni overall 50µ" min.
Shell: Ni overall, 50µ" min.
Solder area: Gold Flash
Link& Spring: Heating Treatment
Electrical:
Voltage Rating: 30V max.
Current Rating: 0.5A max.
Dielectric Withstanding: 500V AC
Insulation Resistance: 1000 MΩ min.
Contact Resistance:
Initial: 100 mΩ max. (signal)
300 mΩ max. (switch)
Final: 150 mΩ max. (signal)
400 mΩ max. (switch)
Mechanical:
Duration: 3000 cycles
Operating Temperature: -40°C to +85°C
SIM7155
No. of Contacts
6
6
A
Packing Options
A = Tape & Reel
(1,500 per reel)
Switch
1 = With (normally closed)
1
14
Profile Height
14 = 1.43mm
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
CC
By
Detail
Revision
Part Number
Drawing Date
Date
X.° ± 2°
SIM7155
Micro SIM Card Connector - Push-Push Type
6 Pin, SMT, 1.43mm Profile
Drawing
Release
A1
12th April 2021
23/11/22
www.gct.co
C2
C3
C5
C6
C7
2.40
1.00
10.44
0.30
1.00
2.40
3.90
7.20
3x 1.00
2.35


Similar Part No. - SIM7155

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
logo
List of Unclassifed Man...
SIM7100A ETC1-SIM7100A Datasheet
243Kb / 1P
Quad-Band LTE-FDD B2/B4/B5/B17 Dual-Band UMTS/HSDPA/HSPA B2/B5
SIM7100E ETC1-SIM7100E Datasheet
233Kb / 1P
Five-Band FDD-LTE B1/B3/B7/B8/B20
More results

Similar Description - SIM7155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1050340001 MOLEX11-1050340001 Datasheet
159Kb / 3P
2.54mm (.100") Pitch SIM Card Connector, Push-Push Type, 6 Circuits, SMT, with Solder Tabs
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Wurth Elektronik GmbH &...
693021010811 WURTH-693021010811 Datasheet
1Mb / 4P
WR-CRD - MICRO SIM - PUSH & PUSH TYPE - 8 PINS
logo
Global Connector Techno...
SIM7050 GCT-SIM7050 Datasheet
242Kb / 3P
Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
24th August 2012
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8055 GCT-SIM8055 Datasheet
276Kb / 3P
Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
27th November 2017
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
SIM8066 GCT-SIM8066 Datasheet
214Kb / 3P
no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile
19th March 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com