Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM8066 Datasheet (PDF) - Global Connector Technology

SIM8066 Datasheet PDF - Global Connector Technology
Part # SIM8066
Download  SIM8066 Download
File Size   214.63 Kbytes
Page   3 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile

SIM8066 Datasheet (PDF)

Go To PDF Page Download Datasheet
SIM8066 Datasheet PDF - Global Connector Technology

Part # SIM8066
Download  SIM8066 Click to download

File Size   214.63 Kbytes
Page   3 Pages
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology
Description no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile

SIM8066 Datasheet (HTML) - Global Connector Technology




Similar Part No. - SIM8066

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
More results


Similar Description - SIM8066

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS006-2620-0 YAMAICHI-FMS006-2620-0 Datasheet
124Kb / 1P
SIM Card Reader (Push / Push, Low Profile Std. Type w/o Switch)
logo
SUYIN USA, INC.
254070FB007S120ZL SUYIN-USA-254070FB007S120ZL Datasheet
148Kb / 1P
SIM CARD PUSH-PUSH CONN
254070FB008S505ZL SUYIN-USA-254070FB008S505ZL Datasheet
191Kb / 1P
SIM CARD PUSH-PUSH CONN
logo
Molex Electronics Ltd.
1050340001 MOLEX11-1050340001 Datasheet
159Kb / 3P
2.54mm (.100") Pitch SIM Card Connector, Push-Push Type, 6 Circuits, SMT, with Solder Tabs
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
logo
VITALCONN ELECTRONICS H...
VTC102030942 VITALCONN-VTC102030942 Datasheet
421Kb / 2P
MICRO-SIM PUSH 6PIN 1.35H
REV: A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com