Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1020 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1020
Description  USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1020 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1020 Datasheet HTML 1Page - Global Connector Technology USB1020 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cardboard Triangles
350
mm
35
0m
m
Carton
Tape
EPE Board
Bag
Part Number
Pcs./Reel
Reels/Carton
Pcs./Carton
USB1020
350
8
2800
Part Number
Specification
Q'ty
Carrier Tape
32.0mm (W) x 8.3m (L)
8
Cover Tape
25.5mm (W)
70.88m
Reel
Ø330 x 32.5mm
8
Bag
400 x 400 x 400mm, PE
1
Cardboard Triangles
305 x 310x3mm
4
Carton
350 x 350 x 330mm
1
EPE Board
335 x 335 x 10mm
2
GP
PACKING DIRECTION
INPUT MATERIAL DIRECTION
32.5mm
2.00±0.10
4.00±0.10
24.00±0.10
192mm
168mm
8400mm
100mm
350 cavities with product
7 cavities empty
empty
8 cavities empty
Round Sprocket Hold
SCALE 2:1
R0
.75
Elongated Sprocket hold
Reels
Ø1
.50
+0
.10
-0
.00
Cover Tape
Carrier Tape
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
2/2
USB1020
USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole
Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
CC
Drawing
Release
A3
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
15/10/19
Date
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com