Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1020 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1020
Description  USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1020 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1020 Datasheet HTML 1Page - Global Connector Technology USB1020 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Material
Plastic Housing: Thermoplastic, LCP, UL94V-0, Black
Contact Terminal: Brass
Metallic Shell: Brass
Plating
Underplating: 50µ" Nickel
Contact Area: Gold Flash or 15µ" Gold
Solder Tails: 50µ" Tin
Metallic Shell: Nickel
Electrical:
Voltage Rating: 30V
Current Rating: 1.5A
Operating Temperature: -40°C to +85°C
Contact Resistance: 30 mΩ max.
Insulating Resistance: 1000 MΩ min.
Dielectric Withstand Voltage: 500V AC
Mechanical & Environmental
Mating Force: 35N (3.57Kgf) max.
Unmating Force: 10N (1.02Kgf) min.
Durability: 1,500 Cycles
1
2
3
4
Recommended PCB Layout
Thickness: 1.2mm General Tolerance: ±0.05
as viewed from component side
Solder Area
Component Outline
13.10
14.50
15.30
21
43
12.50
15.70
17.10
12.15
9.10
2.25
2.30+0.00
-0.10
0.85
0.30
15.70
7.00
2.00
18.28
13.50
0.90
Ordering Grid
Contact Plating
GF = Gold Flash (Standard)
15 = 15µ" Gold
USB1020
XX
Insulator Material
L = LCP
L
Packing Options
A = Tape & Reel
(350 per Reel)
A
PCB Edge
Request Samples
and Quotation
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/2
USB1020
USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole
Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
CC
Drawing
Release
A3
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
15/10/19
Date
X.° ± 3.0°
X.X° ± 1.5°
www.gct.co


Similar Part No. - USB1020

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB10 MICROSEMI-USB10 Datasheet
136Kb / 3P
RECTIFIERS ASSEMBLIES
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
Programmable Low-Cost USB Machine (PLUM)
logo
Extech Instruments Corp...
USB100 EXTECH-USB100 Datasheet
247Kb / 1P
Appliance Tester/Power Analyzer
USB100 EXTECH-USB100 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
USB100 EXTECH-USB100 Datasheet
296Kb / 1P
1000A 3-Phase Power Analyzer/Datalogger
More results

Similar Description - USB1020

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
USB1015 GCT-USB1015 Datasheet
200Kb / 2P
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1055 GCT-USB1055 Datasheet
212Kb / 3P
USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
14th February 2011
USB1061 GCT-USB1061 Datasheet
150Kb / 2P
USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT, Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
2nd December 2014
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB1115 GCT-USB1115 Datasheet
209Kb / 2P
USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H, Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
6th December 2013
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3076 GCT-USB3076 Datasheet
201Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount w/out Peg, w/Outer Shell Stakes, w/out Mating Face Lead-In
26th August 2011
USB3090 GCT-USB3090 Datasheet
244Kb / 2P
Micro USB Receptacle, Type AB SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com