Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1035 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1035
Description  USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1035 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1035 Datasheet HTML 1Page - Global Connector Technology USB1035 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packing Rules:
1.USB's placed into the tray base.
2.Tray cover and base taped together to keep USB's in place.
3.10 trays put into carton.
4.Boxed taped and label stuck on the outer carton.
Products P/N
USB1035
PCS/Tray
100
10
Trays/Carton PCS/Carton
1000
Inner Box
Label
325
mm
256m
m
USB's placed into the tray base.
PE bag
5 Tray/Stack
Buffer Material
2 Stack/Carton
RoHS label
Label
100PCS/tray
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
2/2
USB1035
USB Dual Receptacle, Type A, 8 Pin, Through Hole,
Horizontal, Top Mount, With Kinked Shell Stakes
CC
USB1035
F PCN
F
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
03/11/21
Date
www.gct.co
Sealed by adhesive Tape
Use stretch film winding
Carboard



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com