Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1035 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1035
Description  USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1035 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1035 Datasheet HTML 1Page - Global Connector Technology USB1035 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
GF = Gold Flash (Standard)
15 = 15µ" Gold
USB1035
XX
Insulator Material
P = PBT
X
Insulator Colour
B = Black (Standard)
W = White
P
13.1
RECOMMENDED PCB LAYOUT
Thickness: 1.2mm General Tolerance: ±0.05
as viewed from component side
15.0
12.50
7.00
0.60
Component Outline
4.0
1.2
10.28±0.25
2.71 2.62
5.68
13.14
2.00
7.00
Standoff
(keep out area)
8x ø0.92
4x ø2.30
B
Packing Options
B = Tray
(100 per tray)
X
Grounding Shell
0 = Without Grounding (Standard)
1 = With Grounding
2.00
Optional
Grounding
Shell
1A
Request Samples
and Quotation
2A
3A
4A
1B
2B
3B
4B
Specifications
Material
Plastic Housing: PBT, G.F. Filled, UL94V-0
Contact Terminal: Brass
Metallic Shell: Stainless steel
Plating
Underplating: 50µ" Nickel
Contact Area: Gold Flash or 15µ" Gold
Solder Tails: 50µ" Tin
Metallic Shell: Nickel
Electrical
Voltage Rating: 30V
Current Rating: 1.8A
Contact Resistance: 30 mΩ max.
Insulating Resistance: 1000 MΩ min.
Dielectric Withstand Voltage: 500V AC
Mechanical & Environmental
Operating Temperature: -40°C to +85°C
Mating Force: 35N (3.57Kgf) max.
Unmating Force: 10N (1.02Kgf) min.
Durability: 1,500 Cycles
1A
2A 3A
4A
1B
2B 3B
4B
GCT
15.73±0.25
14.26+0.00
-0.50
8.4
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/2
USB1035
USB Dual Receptacle, Type A, 8 Pin, Through Hole,
Horizontal, Top Mount, With Kinked Shell Stakes
CC
USB1035
F PCN
F
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
03/11/21
Date
X.° ± 3°
X.X° ± 1.5°
www.gct.co


Similar Part No. - USB1035

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1030 GCT-USB1030 Datasheet
203Kb / 2P
USB Receptacle, Type B, 4 Pin, Through Hole, R/A, Top Mount, With Kinked Shell Stakes
14th February 2011
More results

Similar Description - USB1035

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB1015 GCT-USB1015 Datasheet
200Kb / 2P
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1030 GCT-USB1030 Datasheet
203Kb / 2P
USB Receptacle, Type B, 4 Pin, Through Hole, R/A, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
USB1055 GCT-USB1055 Datasheet
212Kb / 3P
USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
14th February 2011
USB1061 GCT-USB1061 Datasheet
150Kb / 2P
USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT, Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
2nd December 2014
USB1135 GCT-USB1135 Datasheet
307Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
6th August 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com