Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1040 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1040
Description  USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1040 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1040 Datasheet HTML 1Page - Global Connector Technology USB1040 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packing Rules
﹕
1.USB's placed into the tray base.
2.Tray cover and base taped together to keep USB's in place.
3.25 trays put into carton.
4.Boxed taped and label stuck on the outer carton.
290
23
0
Products P/N
USB1040
PCS/Tray
100
25
Trays/Carton
PCS/Carton
2500
Base
Cover
Base
Label
Tape
Carton
1
2
3
4
Tray
USB
RoHS Label
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
-
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/2
USB1040
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical,
With Kinked Shell Stakes
CC
USB1040
C PCN
C2
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
17/01/20
Date
-
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com