Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1040 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1040
Description  USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1040 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1040 Datasheet HTML 1Page - Global Connector Technology USB1040 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Material
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Brass
Metallic Shell: Brass
Plating
Underplating: Nickel all over
Contact Area: Gold Flash or 15µ" Gold
Solder Tails: Tin
Metallic Shell: Nickel
Electrical:
Voltage Rating: 30V
Current Rating: 1.5A
Operating Temperature: -40°C to +85°C
Contact Resistance: 30 mΩ max.
Insulating Resistance: 1000 MΩ min.
Dielectric Withstand Voltage: 500V AC
Mechanical & Environmental
Mating Force: 35N (3.57Kgf) max.
Unmating Force: 10N (1.02Kgf) min.
Durability: 1,500 Cycles
Ordering Grid
Contact Plating
GF = Gold Flash (Standard)
15 = 15u" Gold
USB1040
XX
Insulator Material
L = LCP
L
Packing Options
B = Tray
(100 per tray)
B
14.50
0.60
2.50
2.00
7.00
7.12
2.40
0.25
1.65
12.50
Recommended P.C.B Layout
Thickness: 1.6mm General Tolerance: ±0.05
as viewed from component side
Solder Area
Component Outline
7.00
2.00
13.14
Ø2
.30
Ø0
.90
15.60+0.40
-0.00
0.3
0
1.86
Request Samples
and Quotation
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/2
USB1040
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical,
With Kinked Shell Stakes
CC
USB1040
C PCN
C2
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
17/01/20
Date
X.° ± 3.0°
X.X° ± 1.5°
www.gct.co
12
3
4
12
3
4


Similar Part No. - USB1040

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
More results

Similar Description - USB1040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB1030 GCT-USB1030 Datasheet
203Kb / 2P
USB Receptacle, Type B, 4 Pin, Through Hole, R/A, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com