Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1046 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1046
Description  USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1046 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1046 Datasheet HTML 1Page - Global Connector Technology USB1046 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Part Number
Pcs./Reel
Reels/Carton
Pcs./Carton
USB1046
260
8
2080
Part Number
Specification
Q'ty
Carrier Tape
32.0mm (W) x 6.624m (L)
8
Cover Tape
25.5mm (W) x 6.724m(L)
8
Reel
Ø330 x 32.5mm
8
Vacuum Bag
PE
8
Cardboard Triangles
260 x 245x 5mm
4
Inner Carton
340 x 340 x 300mm
1
Outer Carton
355 x 355 x 320mm
1
EPE Board
350 x 350 x 10mm
1
2.00±0.10
4.00±0.10
24.00±0.10
192mm
192mm
6240mm
260 cavities with product
100mm
Round Sprocket Hold
GP
32.5mm
Ø1.
50
+0.
10
-0.0
0
SCALE 2:1
R0
.75
Elongated Sprocket hold
8 cavities empty
empty
8 cavities empty
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
CC
By
Detail
Revision
Part Number
Drawing Date
Date
USB1046
USB Receptacle, Type A, 4 Pin, Surface Mount,
Horizontal, Top Mount, with Shell Stakes
USB1046
B PCN
B4
8th September 2014
13/05/22
www.gct.co
Direction of Unreeling
Direction of Unreeling
EPE Board
Cardboard Triangles
Inner Carton
Outer Carton
Carrier Tape
Cover Tape
Vacuum Bag
Tape
35
5m
m
355
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com