Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1046 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1046
Description  USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1046 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1046 Datasheet HTML 1Page - Global Connector Technology USB1046 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GF
USB1046
Ordering Grid
Contact Plating
GF = Gold Flash
Request Samples
and Quotation
Packing Options
A = Tape & Reel (Standard)
(260 per reel)
B = Tray
X
Shell Stake Length "S"
0190 = 1.9mm (Standard)
(for 1.60mm thick PCB)
0270 = 2.7mm
(for 2.00mm thick PCB)
XXXX
Insulator Material
L = LCP
L
Insulator Colour
B = Black
B
12.50
12.80
14.50±0.38
2.00
7.00
0.60
4.52
1.70
10.28
3.4
4
3
2
1
7.00
2.00
1.30 x4
0.60 x2
T=1.4mm (General Tolerances: ±0.05mm)
PCB Edge
4
3
2
1
12.80
Recommended PCB Layout (Top View)
Solder Area
Specifications
Materials & Plating
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: SPCC
Plating:
Underplating: 50µ" Nickel
Contact Area: Gold Flash
Solder Tails: 50µ" Tin
Metallic Shel: Nickel
Electrical:
Voltage Rating: 30V
Current Rating: 1.5A
Operating Temperature: -40°C to +85°C
Contact Resistance: 30 m
Ω max.
Insulating Resistance: 1000 M
Ω min.
Dielectric Withstand Voltage: 500V AC
Mechanical:
Mating Force: 35N (3.57Kgf) max.
Unmating Force: 10N (1.02Kgf) min.
Durability: 1,500 Cycles
Component Outline
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
CC
By
Detail
Revision
Part Number
Drawing Date
Date
X.° ± 3°
X.X° ± 1.5°
USB1046
USB Receptacle, Type A, 4 Pin, Surface Mount,
Horizontal, Top Mount, with Shell Stakes
USB1046
B PCN
B4
8th September 2014
13/05/22
www.gct.co


Similar Part No. - USB1046

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
More results

Similar Description - USB1046

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3135 GCT-USB3135 Datasheet
202Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
1st June 2012
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB1015 GCT-USB1015 Datasheet
200Kb / 2P
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1030 GCT-USB1030 Datasheet
203Kb / 2P
USB Receptacle, Type B, 4 Pin, Through Hole, R/A, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB1055 GCT-USB1055 Datasheet
212Kb / 3P
USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
14th February 2011
USB1061 GCT-USB1061 Datasheet
150Kb / 2P
USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT, Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
2nd December 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com