Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1055 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1055
Description  USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1055 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1055 Datasheet HTML 1Page - Global Connector Technology USB1055 Datasheet HTML 2Page - Global Connector Technology USB1055 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12
3
4
4.98±0.25
8.88±0.20
8.38±0.08
Section A-A
12.50±0.1
16.40
R0
.6
4±
0.
13
11.10±0.2
1.00±0.05
3.50±0.05
1.00±0.05
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
2/3
USB1055
USB Receptacle - A Type, Horizontal SMT
Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
CC
USB1055
C PCN
C3
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
17/01/20
Date
X.° ± 3°
X.X° ± 1.5
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com