Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1055 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1055
Description  USB Receptacle - A Type, Horizontal SMT Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1055 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1055 Datasheet HTML 1Page - Global Connector Technology USB1055 Datasheet HTML 2Page - Global Connector Technology USB1055 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications
Material
Plastic Housing: Thermoplastic,LCP, UL94V-0, Black
Contact Terminal: Brass
Metallic Shell: Brass
Plating
Underplating: 50µ" Nickel
Contact Area: Gold Flash or 15µ" Gold
Solder Tails: 50µ" Tin
Metallic Shell: Nickel
Electrical
Voltage Rating: 30V
Current Rating: 1.5A
Contact Resistance: 30 mΩ max.
Insulating Resistance: 1000 MΩ min.
Dielectric Withstand Voltage: 500V AC
Mechanical & Environmental
Mating Force: 35N (3.57Kgf) max.
Unmating Force: 10N (1.02Kgf) min.
Operating Temperature: -40°C to +85°C
Durability: 1,500 cycles
Ordering Grid
Contact Plating
GF = Gold Flash (Standard)
15 = 15µ" Gold
USB1055
XX
Insulator Material
L = LCP
L
PCB Edge
15.82
14.50 ref.
Recommended P.C.B Layout
Thickness: 1.6mm General Tolerance: ±0.05
Solder Area
Component Outline
16.08
11.25
4.22
2.38
14.60
13.50
0.90
16.40
14.60
7.00
2.00
1.12
16.40
7.00
2.50
2.00
Packing Options
A = Tape & Reel
(350 per Reel)
A
Request Samples
and Quotation
Ø1.2
2
A
A
Ø1
.30 +
0.1
0
-0.0
0
12
3
4
12.50
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
1/3
USB1055
USB Receptacle - A Type, Horizontal SMT
Top-Mid Mount, 3.48mm Offset, Plastic Peg & Shell Stakes
CC
USB1055
C PCN
C3
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
17/01/20
Date
X.° ± 3°
X.X° ± 1.5
www.gct.co
12
3
4


Similar Part No. - USB1055

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB10 MICROSEMI-USB10 Datasheet
136Kb / 3P
RECTIFIERS ASSEMBLIES
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
Programmable Low-Cost USB Machine (PLUM)
logo
Extech Instruments Corp...
USB100 EXTECH-USB100 Datasheet
247Kb / 1P
Appliance Tester/Power Analyzer
USB100 EXTECH-USB100 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
USB100 EXTECH-USB100 Datasheet
296Kb / 1P
1000A 3-Phase Power Analyzer/Datalogger
More results

Similar Description - USB1055

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3135 GCT-USB3135 Datasheet
202Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
1st June 2012
USB4505 GCT-USB4505 Datasheet
157Kb / 2P
USB Type C Receptacle for USB 2.0, SMT Type, Mid Mount, 1.0mm Offset
1st July 2021
USB1015 GCT-USB1015 Datasheet
200Kb / 2P
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1020 GCT-USB1020 Datasheet
213Kb / 2P
USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
USB1061 GCT-USB1061 Datasheet
150Kb / 2P
USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT, Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
2nd December 2014
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
USB3090 GCT-USB3090 Datasheet
244Kb / 2P
Micro USB Receptacle, Type AB SMT, R/A, Bottom Mount, w/out Peg, w/outer shell stakes
4th April 2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com