Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1110 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1110
Description  USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1110 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1110 Datasheet HTML 1Page - Global Connector Technology USB1110 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note:
1. Material:
Box: Fibreboard, Corrugated, Double Wall
Tape: Polystyrene, Heat-Resistant Temperature: 120°C, Color: Black.
Reel: Polystyrene, Heat-Resistant Temperature: 70°C, Color: Blue.
Bag: Polystyrene, Heat-Resistant Temperature: 100°C.
2. Peeling Strength: 0.1 ~ 1.3 N (10 ~ 130 Grams)
3. Peeling Speed: 300 mm/min.
4. Each bag includes desiccant.
Unloaded section
approx. 160mm long
Label
32.4
approx. 160mm long
Unloaded section
Product Loaded section
Peeling Angle
38.4
400 min.
165° ~ 180°
DETAIL 1
4:1
2±0.1
4±0.1
Ø1.5+0.1
-0
24±0.1
DETAIL 1
Unreeling Direction
R0.75±0.1
8.10
365 X 365 X 350
Tape & Reel
Void Filler
Box Dimensions
Inner Carton
Bag
Product no.
PCS/Reel
Reels/Carton
PCS/Carton
USB1110
350
8
2800
A
1
B
C
D
23
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.38
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB1110
USB 3.0 Receptacle, Full Size, Type A,
Mid-Bottom Mount, Horizontal, Through-Hole
AJO
Drawing
Release
A1
By
Detail
Revision
Part Number
Drawing Date
20th February 2013
09/12/14
Date
± 2°
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com