Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1110 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1110
Description  USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1110 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1110 Datasheet HTML 1Page - Global Connector Technology USB1110 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
3
4
1
5
67
9
8
15.40
12.50
0.95
6.00
3.50
1.00
0.30
13.1
11.10
16.25
9.25
1.30
PIN 1
PIN 9
0.40
8.00
7.00
2.50
CL OF 15.7
2
3
4
1
15.40
7.00
2.00
0.70
Ø0
.70
PCB Edge
13.60
0.70±0.05
PTH 10
PTH 11
PTH 12
PTH 13
12.80
5
6
7
9
8
8.00
2.00
0.10
0.10
14.20
Ø5.5 AVAILABLE
VACUUM PICK UP AREA
Mylar
12.40
0.70
2 PLC
0.10
PIN 4
SECTION B-B
Recommended PCB Layout
as viewed from component side. Tolerance: ±0.05mm
Component Outline
Keep Out Area
B
B
USB1110
Ordering Grid
30
Contact Plating
30 = 30µ" Gold
Packing Options
A = Tape & Reel
(350 per reel)
A
Request Samples
and Quotation
Specifications 规格
Material 物料
Plastic Housing 塑胶外壳: PA9T, UL94V-0 Blue
Contact Terminal 接触端子: Copper Alloy 铜合金
Metallic Shell 金属外壳: Stainless Steel (T=0.30mm)
Plating 电镀
Underplating 底层电镀: 50µ" min. Nickel
Contact Area 接触面积: Gold - see ordering grid.
Solder Tails 焊接末端: 80µ" Tin
Metallic Shell 金属外壳: 80µ" min. Nickel
Electrical 电气
Voltage Rating 电压额定值: 100V AC/DC
Current Rating 电流额定值: 0.25A (Signal Pins 2,3,5,6,7,8,9)
1.8A (Power Pins 1,4)
Operating Temperature 工作温度: -55°C to +85°C
Contact Resistance接触电阻值: 30 mΩ max.
Insulating Resistance 绝缘电阻值: 100 MΩ min.
Dielectric Withstand Voltage 耐电压: 500V AC/minute
Mechanical & Environmental 机械 & 环境
Mating Force 插入力: 35N max.
Unmating Force 拨出力: 10N min. initial,
8N min. after test.
Durability 耐久性: 5000 Cycles
PIN No.
SIGNAL NAME
DESCRIPTION
MATING
SEQUENCE
1
VBUS
POWER
SECOND
2D-
USB2.0 DIFFERENTIAL PAIR
THIRD
3D+
4
GND
GROUND FOR POWER RETURN
SECOND
5
StdA_SSRX-
SUPERSPEED RECEIVER
DIFFERENTIAL PAIR
LAST
6
StdA_SSRX+
7
GND_DRAIN
GROUND FOR SIGNAL RETURN
8
StdA_SSTX-
SUPERSPEED TRANSMITTER
DIFFERENTIAL PAIR
9
StdA_SSTX+
SHELL
Shield
CONNECTOR METAL SHELL
FIRST
A
1
B
C
D
23
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.38
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB1110
USB 3.0 Receptacle, Full Size, Type A,
Mid-Bottom Mount, Horizontal, Through-Hole
AJO
Drawing
Release
A1
By
Detail
Revision
Part Number
Drawing Date
20th February 2013
09/12/14
Date
± 2°
www.gct.co


Similar Part No. - USB1110

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1115 GCT-USB1115 Datasheet
209Kb / 2P
USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H, Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
6th December 2013
More results

Similar Description - USB1110

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB311131HR AMPHENOL-GSB311131HR Datasheet
98Kb / 1P
USB 3.0 Type A. Right Angle, Receptacle, Through Hole, Standard Type
logo
Wurth Elektronik GmbH &...
692122030100 WURTH-692122030100 Datasheet
708Kb / 2P
USB 3.0 HORIZONTAL TYPE A
692121030100 WURTH-692121030100 Datasheet
750Kb / 2P
USB 3.0 HORIZONTAL TYPE A
logo
Global Connector Techno...
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
USB1020 GCT-USB1020 Datasheet
213Kb / 2P
USB Rec, Type A, Mid Mnt, 1.48mm Offset, Through-Hole Horizontal, Bottom Mount, w/Shell Stakes & SMT Holdowns
14th February 2011
USB1086 GCT-USB1086 Datasheet
300Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Vertical, Top Mount
06th January 2020
USB1100 GCT-USB1100 Datasheet
232Kb / 2P
USB 3.0 Dual Receptacle, Full Size, Type A, Top Mount, Horizontal, Through-Hole
20th February 2013
USB1125 GCT-USB1125 Datasheet
288Kb / 2P
USB 2.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount, Without Flange
12th June 2020
USB1130 GCT-USB1130 Datasheet
214Kb / 2P
USB 2.0 Receptacle, Type A, 4 Pin, Through Hole, Horizontal, Top Mount, Without Flange
6th August 2020
USB1135 GCT-USB1135 Datasheet
307Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
6th August 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com