Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1130 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1130
Description  USB 2.0 Receptacle, Type A, 4 Pin, Through Hole, Horizontal, Top Mount, Without Flange
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1130 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1130 Datasheet HTML 1Page - Global Connector Technology USB1130 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Pcs./Reel
Reels/Carton
Pcs./Carton
230
10
2300
Part Number
Specification
Q'ty
Carrier Tape
32.0mm (W) x 5.856m (L)
10
Cover Tape
25.5mm (W)
61.56m
Reel
Ø330 x 32.5mm
10
Bag
400 x 400 x 400mm, PE
1
Cardboard Triangles
430 x 370x 3mm (L x W x T)
4
Carton
350 x 350 x 410mm (L x W x H)
1
GP
32.5mm
Scale 2:1
R0
.75
Cardboard Triangles
350
mm
35
0m
m
Carton
Tape
Bag
Reels
Cover Tape
Carrier Tape
Direction of Unreeling
Direction of Unreeling
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
-
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/2
USB1130
USB 2.0 Receptacle, Type A, 4 Pin, Through Hole,
Horizontal, Top Mount, Without Flange
CC
Drawing
Release
A1
By
Detail
Revision
Part Number
Drawing Date
6th August 2020
15/12/21
Date
-
www.gct.co
Notes:
Peeling off force of top tape: 0.1-0.7N
Peeling angel: 165° - 180°
Peeling speed: 300mm/minute
Label
Green product label
Green product label
Label
2.00±0.10
4.00±0.10
24.00±0.10
168mm
168mm
5520mm
230 cavities with product
300mm
Ø1.
50
+0.
10
-0.0
0
Elongated Sprocket hold
7 cavities empty
empty
7 cavities empty



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com