Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1130 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1130
Description  USB 2.0 Receptacle, Type A, 4 Pin, Through Hole, Horizontal, Top Mount, Without Flange
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1130 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1130 Datasheet HTML 1Page - Global Connector Technology USB1130 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.00
2.00
12.50±0.10
15.6
14.16
12.99±0.20
1.65
2.71
7.00
2.00
13.14
Ø0
.92
Ø2
.26
Recommended PCB Layout
Thickness=1.6mm Tolerance:±0.05mm
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/2
USB1130
USB 2.0 Receptacle, Type A, 4 Pin, Through Hole,
Horizontal, Top Mount, Without Flange
CC
Drawing
Release
A1
By
Detail
Revision
Part Number
Drawing Date
6th August 2020
15/12/21
Date
X.°± 3°
X.X°± 1.5°
www.gct.co
Specifications
Material
Insulator: LCP, E130i, UL94V-0, Black
Contact: C2680
Shell: SUS304
Plating
Terminal:
Contact Area: See Ordering Grid
Solder Area: 100-150u" Tin
Underplating: 50-100u"Nickel
Shell: 50-120u"Nickel
Electrical
Current Rating: 3.0 Amp
Voltage Rating: 30V
Contact Resistance: 30 mΩ max.
Insulation Resistance: 1000 M
Ω min.
Dielectric Withstand Voltage: 500 V AC
Mechanical & Environmental
Operating Temperature: -25°C to +85°C
Mating Force: 35N max.
Unmating Force: 10N min.
Durability: 10000 cycles
Ordering Grid
Contact Plating
15 = 15u" Gold (standard)
GF = Gold Flash
30 = 30u" Gold
USB1130
XX
Packing Options
A = Tape & Reel (230pcs/Reel)
Request Samples
and Quotation
Mating View
A
2.85 Min.
PCB Edge
13.8
13.1 ref.


Similar Part No. - USB1130

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1135 GCT-USB1135 Datasheet
307Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
6th August 2020
More results

Similar Description - USB1130

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4800 GCT-USB4800 Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
USB1030 GCT-USB1030 Datasheet
203Kb / 2P
USB Receptacle, Type B, 4 Pin, Through Hole, R/A, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1046 GCT-USB1046 Datasheet
203Kb / 2P
USB Receptacle, Type A, 4 Pin, Surface Mount, Horizontal, Top Mount, with Shell Stakes
8th September 2014
USB1086 GCT-USB1086 Datasheet
300Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Vertical, Top Mount
06th January 2020
USB1100 GCT-USB1100 Datasheet
232Kb / 2P
USB 3.0 Dual Receptacle, Full Size, Type A, Top Mount, Horizontal, Through-Hole
20th February 2013
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB1125 GCT-USB1125 Datasheet
288Kb / 2P
USB 2.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount, Without Flange
12th June 2020
USB1135 GCT-USB1135 Datasheet
307Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
6th August 2020
USB3100 GCT-USB3100 Datasheet
206Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Horizontal, Top (Reverse) Mount, without Peg
1st June 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com