Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2066 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB2066
Description  Mini USB Receptacle, Type B, 5 Pin, SMT, Horizontal, Optional Post, 9.40mm Length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB2066 Datasheet(HTML) 2 Page - Global Connector Technology

  USB2066 Datasheet HTML 1Page - Global Connector Technology USB2066 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Direction of unreeling
Reel
Carrier Tape
Cover Tape
Holes
Label
Mylar
50
Min 165
° ~
18
0°
Label
Inner Carton
400mm Min.
Q'TY
160mm Min
(25pcs)
(750pcs)
(10pcs)
29.5
5.5
Outer Carton
Inner Carton
Label
RoHS Label
365
mm
36
5m
m
Peel off angle
11 reels / PE Bag
Void filler
Cover Tape
350
mm
35
0m
m
ø1
.5
0
16.0
4.0
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
-
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
LYH
Sheet No.
2/2
USB2066
Mini USB Receptacle, Type B, 5 Pin, SMT, Horizontal,
Optional Post, 9.40mm Length
CC
USB2066
D PCN
D1
By
Detail
Revision
Part Number
Drawing Date
4th June 2009
17/01/20
Date
-
www.gct.co
Pcs / Reel Reels / Carton
Total Quantity
750
11
8250 pcs
PE Bag



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com