Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2066 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB2066
Description  Mini USB Receptacle, Type B, 5 Pin, SMT, Horizontal, Optional Post, 9.40mm Length
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB2066 Datasheet(HTML) 1 Page - Global Connector Technology

  USB2066 Datasheet HTML 1Page - Global Connector Technology USB2066 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
No. of Contacts
05
Ordering Grid
Packing Options
A = Tape & Reel (With Mylar)
(Quantity per Reel: 750 pcs)
Contact Plating
15 = 15u" Gold
Offset
00 = No Offset
Optional Post
01 = With Post
00 = Without Post
Specifications:
Materials:
Plastic Housing: LCP UL94V-0, Black
Contact Terminal: Phosphor Bronze,T=0.25mm
Metallic Shell: Brass,T=0.4mm
Plating:
Contact Terminal plating:
Underplating: Nickel all over
Contact Area: 15µ" Gold
Solder Tails: Bright Tin
Metallic Shell plating: Matte Tin 50µ" all over
Underplating: Nickel 50µ" all over
Electrical:
Voltage Rating: 30VDC
Current Rating: 1A
Operating Temperature: -50°C to +85°C
Contact Resistance: 50m
 Max.
Insulation Resistance: 100M
 Min
Dielectric Withstanding Voltage:
100VAC for 1 minute, No Discharge or Flash
Mechanical:
Mating Force: 35N (3.57Kgf) Max.
Unmating Force: Initial 7N (0.71Kgf) Min.
Final 3N (0.31Kgf) Min.
Durability: 5,000 Cycles
USB2066
05
RBHM
15
A
00
STB
XX
8.90
0.10
Detail A
Scale 2:1
9.9
7.70 ref.
6.90
+0.05
-0.04
4.60±0.05
5.87±0.10
4.40±0.05
5.45 ref.
3.20
0.80
0.40±0.05
2x Ø
0.80
0.80
3.20
0.50
4x 2.00
4.40
2x Ø0
.90
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
X.XXX ± 0.150
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
LYH
Sheet No.
1/2
USB2066
Mini USB Receptacle, Type B, 5 Pin, SMT, Horizontal,
Optional Post, 9.40mm Length
CC
USB2066
D PCN
D1
By
Detail
Revision
Part Number
Drawing Date
4th June 2009
17/01/20
Date
X.° ± 1°
X.X° ± 0.5°
X.XX° ± 0.25°
www.gct.co
Recommended P.C.B Layout
General Tolerance: ±0.05
as viewed from component side
Solder Area
Component Outline
Detail A
Optional post
Pin 1
Pin 5
Pin 1
Pin 5
Request Samples
and Quotation


Similar Part No. - USB2066

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2005 SMSC-USB2005 Datasheet
794Kb / 21P
USB2.0 ATA/ATAPI CONTROLLER WITH PD - DRM
USB2005 SMSC-USB2005 Datasheet
832Kb / 21P
USB 2.0 ATA/ATAPI Controller with PD-DRM
USB2005-MV-01 SMSC-USB2005-MV-01 Datasheet
832Kb / 21P
USB 2.0 ATA/ATAPI Controller with PD-DRM
USB2005 SMSC-USB2005_07 Datasheet
832Kb / 21P
USB 2.0 ATA/ATAPI Controller with PD-DRM
logo
Protek Devices
USB208 PROTEC-USB208 Datasheet
176Kb / 3P
STEERING DIODE ARRAY
More results

Similar Description - USB2066

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
692221030100 WURTH-692221030100 Datasheet
338Kb / 1P
USB 3.0 HORIZONTAL TYPE B
logo
Tyco Electronics
1-1734035-2 MACOM-1-1734035-2 Datasheet
386Kb / 4P
MINI USB, SMT, B TYPE
1-440247-1 MACOM-1-440247-1 Datasheet
144Kb / 4P
MINI USB RIGHT ANGLE, SMT. B TYPE
logo
FCI connector
10033526-N3212LF FCI-CONNECTOR-10033526-N3212LF Datasheet
148Kb / 2P
MINI USB B-TYPE SMT RECEPTACLE
logo
Molex Electronics Ltd.
54819-0578 MOLEX5-54819-0578 Datasheet
227Kb / 3P
USB SERIES MINI-B RECEPTACLE ASSY FOR SMT
logo
List of Unclassifed Man...
USB-M26FTR ETC2-USB-M26FTR Datasheet
84Kb / 1P
Mini USB - SMT Board Mount - B Type
logo
Wurth Elektronik GmbH &...
65100516121 WURTH-65100516121 Datasheet
464Kb / 2P
MINI USB 2.0 SMT TYPE B 5 CONTACTS
629105150521 WURTH-629105150521 Datasheet
490Kb / 2P
MICRO USB 2.0 TYPE B - HORIZONTAL - SMT
651005136521 WURTH-651005136521 Datasheet
462Kb / 2P
MINI USB 2.0 TYPE B 5 CONTACTS
logo
Global Connector Techno...
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com